Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP0 Datasheet (PDF) - Multicomp Pro

NP0 Datasheet PDF - Multicomp Pro
Part # NP0
Download  NP0 Download
File Size   698.23 Kbytes
Page   27 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)

NP0 Datasheet (PDF)

Go To PDF Page Download Datasheet
NP0 Datasheet PDF - Multicomp Pro

Part # NP0
Download  NP0 Click to download

File Size   698.23 Kbytes
Page   27 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Automotive Multilayer Ceramic Capacitors 10 to 100V (NP0, X7R Dielectrics)

NP0 Datasheet (HTML) - Multicomp Pro


NP0 Product details

Description:
MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT and achieve miniaturization, high density and high efficiency, ceramic condensers are used.
MLCC is made by NP0,X7R dielectrics and which provides product with high electrical precision, stability and reliability. Besides, MT series MLCC is tighten controlling in quality in line to assure quality performance in automotive applications.

Features:
• Wide selection of sizes is available (0402 to 0805).
• High capacitance in given case size.
• Capacitor with lead-free termination (pure Tin).
• The MT series meet AEC-Q200 requirement.

Applications:
• For Navigation & Information equipments.
• For entertainment equipments
• For comfortable equipments.
• For Automotive electronic equipment.




Similar Part No. - NP0

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
NP0 WALSIN-NP0 Datasheet
5Mb / 22P
MULTILAYER CERAMIC CAPACITORS
Apr. 2021
logo
YAGEO Corporation
NP0 YAGEO-NP0 Datasheet
532Kb / 14P
Surface-Mount Ceramic Multilayer Capacitors
Apr.14, 2025 V.1
logo
Multicomp Pro
NP0 MULTICOMP-NP0 Datasheet
204Kb / 3P
Radial Leaded, Multilayer Ceramic Capacitors
13/04/20 V1.0
logo
Wurth Elektronik GmbH &...
NP00805100J050DFCT10000 WURTH-NP00805100J050DFCT10000 Datasheet
1Mb / 2P
WCAP-CSGP Multilayer Ceramic Chip Capacitors 0805
Version 1.0
NP00805101J050DFCT10000 WURTH-NP00805101J050DFCT10000 Datasheet
1Mb / 2P
WCAP-CSGP Multilayer Ceramic Chip Capacitors 0805
Version 1.0
More results


Similar Description - NP0

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15G109D2-F CDE-M15G109D2-F Datasheet
298Kb / 5P
Multilayer Ceramic Capacitors COG (NPO). X7R & Z5U Capacitors
logo
HolyStone International
HVC HOLYSTONECAPS-HVC Datasheet
387Kb / 4P
High Voltage NP0 and X7R Capacitors
LCC HOLYSTONECAPS-LCC Datasheet
205Kb / 2P
Large Size NP0 & X7R MLCC Capacitors
logo
Panasonic Semiconductor
ECJ-2VC2A471J PANASONIC-ECJ-2VC2A471J Datasheet
207Kb / 4P
Multilayer Ceramic Capacitors (100V, 200V Series)
ECJ-4YB2A684K PANASONIC-ECJ-4YB2A684K Datasheet
207Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
logo
YAGEO Corporation
CC1206KKX7R0BB104 YAGEO-CC1206KKX7R0BB104 Datasheet
389Kb / 16P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage: NP0 X7R (Pb Free & RoHS compliant)
logo
Panasonic Semiconductor
ECJ-2VB2D471K PANASONIC-ECJ-2VB2D471K Datasheet
208Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ-2VB2A471K PANASONIC-ECJ-2VB2A471K Datasheet
208Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
logo
List of Unclassifed Man...
MCTT21X105K160CT ETC-MCTT21X105K160CT Datasheet
780Kb / 9P
Low Profile Multilayer SMD Ceramic Capacitor 0402 to 1210 Sizes, X7R, X5R & Y5V Dielectrics (MCTT Series)
05/03/20 V1.0
logo
Murata Manufacturing Co...
GCM188R71H224KA49 MURATA1-GCM188R71H224KA49 Datasheet
793Kb / 4P
Automotive chip multilayer ceramic capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com