Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65CML100D Datasheet (PDF) - Texas Instruments

SN65CML100D Datasheet PDF - Texas Instruments
Part # SN65CML100D
Download  SN65CML100D Download
File Size   902.88 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER

SN65CML100D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65CML100D Datasheet PDF - Texas Instruments

Part # SN65CML100D
Download  SN65CML100D Click to download

File Size   902.88 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER

SN65CML100D Datasheet (HTML) - Texas Instruments


SN65CML100D Product details

FEATURES
· Provides Level Translation From LVDS or
LVPECL to CML, Repeating From CML to CML
· Signaling Rates(1) up to 1.5 Gbps
· CML Compatible Output Directly Drives
Devices With 3.3-V, 2.5-V, or 1.8-V Supplies
· Total Jitter < 70 ps
· Low 100 ps (Max) Part-To-Part Skew
· Wide Common-Mode Receiver Capability
Allows Direct Coupling of Input Signals
· 25 mV of Receiver Input Threshold Hysteresis
Over 0-V to 4-V Common-Mode Range
· Propagation Delay Times, 800 ps Maximum
· 3.3-V Supply Operation
· Available in SOIC and MSOP Packages

APPLICATIONS
· Level Translation
· 622-MHz Central Office Clock Distribution
· High-Speed Network Routing
· Wireless Basestations
· Low Jitter Clock Repeater(1)

DESCRIPTION
This high-speed translator/repeater is designed for
signaling rates up to 1.5 Gbps to support various
high-speed network routing applications. The driver
output is compatible with current-mode logic (CML) levels, and directly drives 50-W or 25-W loads
connected to 1.8-V, 2.5-V, or 3.3-V nominal supplies.
The capability for direct connection to the loads may
eliminate the need for coupling capacitors. The
receiver input is compatible with LVDS (TIA/EIA-644), LVPECL, and CML signaling levels. The receiver
tolerates a wide common-mode voltage range, and
may also be directly coupled to the signal source.
The internal data path from input to output is fully
differential for low noise generation and low
pulse-width distortion.
The VBB pin is an internally generated voltage supply
to allow operation with a single-ended LVPECL input.
For single-ended LVPECL input operation, the
unused differential input is connected to VBB as a
switching reference voltage. When used, decouple
VBB with a 0.01-mF capacitor and limit the current
sourcing or sinking to 400 mA. When not used, VBB
should be left open.
This device is characterized for operation from –40°C
to 85°C.




Similar Part No. - SN65CML100D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100D TI-SN65CML100D Datasheet
164Kb / 15P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100D TI1-SN65CML100D Datasheet
1Mb / 19P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100D TI2-SN65CML100D Datasheet
902Kb / 23P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
NOVEMBER 2002
SN65CML100D.B TI2-SN65CML100D.B Datasheet
902Kb / 23P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
NOVEMBER 2002
SN65CML100DG4 TI1-SN65CML100DG4 Datasheet
1Mb / 19P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
More results


Similar Description - SN65CML100D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Texas Instruments
SN65CML100 TI1-SN65CML100_13 Datasheet
1Mb / 19P
1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com