Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65HVD82D Datasheet (PDF) - Texas Instruments

SN65HVD82D Datasheet PDF - Texas Instruments
Part # SN65HVD82D
Download  SN65HVD82D Download
File Size   791.52 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD82 Robust RS-485 Transceiver

SN65HVD82D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD82D Datasheet PDF - Texas Instruments

Part # SN65HVD82D
Download  SN65HVD82D Click to download

File Size   791.52 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD82 Robust RS-485 Transceiver

SN65HVD82D Datasheet (HTML) - Texas Instruments


SN65HVD82D Product details

1 Features
1• Bus I/O Protection
– ±16-kV HBM Protection
– ±12-kV IEC61000-4-2 Contact Discharge
– +4-kV IEC61000-4-4 Fast Transient Burst
• Industrial Temperature Range –40°C to 85°C
• Large Receiver Hysteresis (60 mV Typical) for
Noise Rejection
• Low-Power Consumption
– <1-μA Standby Current
– <1-mA Quiescent Current
• Signaling Rate Optimized for 250 kbps
• Create a Custom Design Using the SN65HVD82
With the WEBENCH® Power Designer

2 Applications
• Electrical Meters
• Building Automation
• Industrial Networks
• Security Electronics

3 Description
This device has robust drivers and receivers for
demanding industrial applications. The bus pins are
robust to ESD events, with high levels of protection to
Human-Body Model, Air-Gap Discharge, and Contact
Discharge specifications.
The device combines a differential driver and a
differential receiver, which operate from a single 5-V
power supply. The driver differential outputs and the
receiver differential inputs are connected internally to
form a bus port suitable for half-duplex (two-wire bus)
communication. The device features a wide commonmode
voltage range making the device suitable for
multi-point applications over long cable runs. The
device is characterized from –40°C to 85°C.




Similar Part No. - SN65HVD82D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD82D TI1-SN65HVD82D Datasheet
466Kb / 23P
Robust RS-485 Transceiver
SN65HVD82D TI2-SN65HVD82D Datasheet
791Kb / 33P
SN65HVD82 Robust RS-485 Transceiver
REVISED NOVEMBER 2017
SN65HVD82D.A TI2-SN65HVD82D.A Datasheet
791Kb / 33P
SN65HVD82 Robust RS-485 Transceiver
REVISED NOVEMBER 2017
SN65HVD82D.B TI2-SN65HVD82D.B Datasheet
791Kb / 33P
SN65HVD82 Robust RS-485 Transceiver
REVISED NOVEMBER 2017
SN65HVD82DR TI1-SN65HVD82DR Datasheet
466Kb / 23P
Robust RS-485 Transceiver
More results


Similar Description - SN65HVD82D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Texas Instruments
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
Robust RS-422/485 Repeater
25-Feb-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com