Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT10-Q1 Datasheet (PDF) - Texas Instruments

SN74ACT10-Q1 Datasheet PDF - Texas Instruments
Part # SN74ACT10-Q1
Download  SN74ACT10-Q1 Download
File Size   1543.05 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74ACT10-Q1 Automotive Triple 3-Input Positive-NAND Gate

SN74ACT10-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT10-Q1 Datasheet PDF - Texas Instruments

Part # SN74ACT10-Q1
Download  SN74ACT10-Q1 Click to download

File Size   1543.05 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74ACT10-Q1 Automotive Triple 3-Input Positive-NAND Gate

SN74ACT10-Q1 Datasheet (HTML) - Texas Instruments


SN74ACT10-Q1 Product details

1 Features
• Qualified for automotive applications
• 4.5V to 5.5V VCC operation
• Inputs accept voltages to 5.5V
• Max tpd of 9.5ns at 5V
• Inputs are TTL-voltage compatible

2 Applications
• Alarm/tamper detect circuit
• S-R latch

3 Description
The SN74ACT10 device contains three independent
3-input NAND gates. The device performs the
Boolean functions Y = A • B • C or Y = A + B + C
in positive logic.




Similar Part No. - SN74ACT10-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT10-Q1 TI1-SN74ACT10-Q1 Datasheet
183Kb / 9P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ACT10-Q1 TI1-SN74ACT10-Q1 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10-Q1 TI2-SN74ACT10-Q1 Datasheet
762Kb / 17P
SN74ACT10-Q1 Automotive Triple 3-Input Positive-NAND Gate
REVISED JULY 2024
SN74ACT10-Q1 TI2-SN74ACT10-Q1 Datasheet
2Mb / 44P
SNx4ACT10 Triple 3-Input Positive-NAND Gates
REVISED JULY 2025
More results


Similar Description - SN74ACT10-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-Q1 TI1-SN74HC10-Q1 Datasheet
230Kb / 10P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ACT10-Q1 TI1-SN74ACT10-Q1 Datasheet
183Kb / 9P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI1-SN74ALVC10_15 Datasheet
654Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI1-SN74LVC10A_15 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74AHC00-Q1 TI-SN74AHC00-Q1_V01 Datasheet
1Mb / 22P
SN74AHC00-Q1 Automotive Quadruple 2-Input Positive-NAND Gate
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com