Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUP2G02 Datasheet (PDF) - Texas Instruments

SN74AUP2G02 Datasheet PDF - Texas Instruments
Part # SN74AUP2G02
Download  SN74AUP2G02 Download
File Size   816.55 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE

SN74AUP2G02 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUP2G02 Datasheet PDF - Texas Instruments

Part # SN74AUP2G02
Download  SN74AUP2G02 Click to download

File Size   816.55 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE

SN74AUP2G02 Datasheet (HTML) - Texas Instruments


SN74AUP2G02 Product details

1FEATURES
• Available in the Texas Instruments NanoStar™
Package
• Low Static-Power Consumption
(ICC = 0.9 mA Maximum)
• Low Dynamic-Power Consumption
(Cpd = 4.3 pF Typ at 3.3 V)
• Low Input Capacitance (Ci = 1.5 pF Typical)
• Low Noise – Overshoot and Undershoot
<10% of VCC
• Ioff Supports Partial-Power-Down Mode
Operation
• Wide Operating VCC Range of 0.8 V to 3.6 V
• Optimized for 3.3-V Operation
• 3.6-V I/O Tolerant to Support Mixed-Mode
Signal Operation
• tpd = 4.3 ns Maximum at 3.3 V
• Suitable for Point-to-Point Applications
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).




Similar Part No. - SN74AUP2G02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUP2G02 TI2-SN74AUP2G02 Datasheet
816Kb / 25P
LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
REVISED MAY 2010
SN74AUP2G02DCUR TI1-SN74AUP2G02DCUR Datasheet
740Kb / 20P
LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUP2G02DCUR TI2-SN74AUP2G02DCUR Datasheet
816Kb / 25P
LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
REVISED MAY 2010
SN74AUP2G02DCUR.B TI2-SN74AUP2G02DCUR.B Datasheet
816Kb / 25P
LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
REVISED MAY 2010
More results


Similar Description - SN74AUP2G02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE NOR GATE
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com