Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AVC16244 Datasheet (PDF) - Texas Instruments

SN74AVC16244 Datasheet PDF - Texas Instruments
Part # SN74AVC16244
Download  SN74AVC16244 Download
File Size   448.08 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN74AVC16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC16244 Datasheet PDF - Texas Instruments

Part # SN74AVC16244
Download  SN74AVC16244 Click to download

File Size   448.08 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN74AVC16244 Datasheet (HTML) - Texas Instruments


SN74AVC16244 Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· DOC™ (Dynamic Output Control) Circuit
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without Speed
Degradation
· Less Than 2-ns Maximum Propagation Delay
at 2.5-V and 3.3-V VCC
· Dynamic Drive Capability Is Equivalent to
Standard Outputs With IOH and IOL of ±24 mA
at 2.5-V VCC
· Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
· Ioff Supports Partial-Power-Down Mode
Operation
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)

DESCRIPTION/ORDERING INFORMATION
A Dynamic Output Control (DOC) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows
typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At
the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a
high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family
Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC™) Circuitry
Technology and Applications, literature number SCEA009.




Similar Part No. - SN74AVC16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16244 TI-SN74AVC16244 Datasheet
303Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244 TI2-SN74AVC16244 Datasheet
444Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED MARCH 2005
SN74AVC16244DGGR TI-SN74AVC16244DGGR Datasheet
303Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGGR TI1-SN74AVC16244DGGR Datasheet
829Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGGR TI2-SN74AVC16244DGGR Datasheet
444Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED MARCH 2005
More results


Similar Description - SN74AVC16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com