Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AVC16245 Datasheet (PDF) - Texas Instruments

SN74AVC16245 Datasheet PDF - Texas Instruments
Part # SN74AVC16245
Download  SN74AVC16245 Download
File Size   477.58 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS

SN74AVC16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC16245 Datasheet PDF - Texas Instruments

Part # SN74AVC16245
Download  SN74AVC16245 Click to download

File Size   477.58 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS

SN74AVC16245 Datasheet (HTML) - Texas Instruments


SN74AVC16245 Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
· DOC™ (Dynamic Output Control) Circuit
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without Speed
Degradation
· Less Than 2-ns Maximum Propagation Delay
at 2.5-V and 3.3-V VCC
· Dynamic Drive Capability Is Equivalent to
Standard Outputs With IOH and IOL of ±24 mA
at 2.5-V VCC
· Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
· Ioff Supports Partial-Power-Down Mode
Operation
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
· Latch-Up Performance Exceeds 250 mA Per
JESD 78
· Package Options Include Plastic Thin Shrink
Small-Outline (DGG) and Thin Very
Small-Outline (DGV) Packages

DESCRIPTION
A Dynamic Output Control (DOC™) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows
typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At
the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a
high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family
Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC™) Circuitry
Technology and Applications, literature number SCEA009.




Similar Part No. - SN74AVC16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI2-SN74AVC16245 Datasheet
476Kb / 20P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED MAY 2005
SN74AVC16245DGG TI-SN74AVC16245DGG Datasheet
169Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245DGGR TI-SN74AVC16245DGGR Datasheet
370Kb / 16P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245DGGR TI2-SN74AVC16245DGGR Datasheet
476Kb / 20P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED MAY 2005
More results


Similar Description - SN74AVC16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
16-Bit Bus Transceiver With 3-State Outputs
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com