Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AVC16374 Datasheet (PDF) - Texas Instruments

SN74AVC16374 Datasheet PDF - Texas Instruments
Part # SN74AVC16374
Download  SN74AVC16374 Download
File Size   472.03 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS

SN74AVC16374 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC16374 Datasheet PDF - Texas Instruments

Part # SN74AVC16374
Download  SN74AVC16374 Click to download

File Size   472.03 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS

SN74AVC16374 Datasheet (HTML) - Texas Instruments


SN74AVC16374 Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
· DOC™ (Dynamic Output Control) Circuit
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without Speed
Degradation
· Dynamic Drive Capability Is Equivalent to
Standard Outputs With IOH and IOL of ±24 mA
at 2.5-V VCC
· Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
· Ioff Supports Partial-Power-Down Mode
Operation
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· Package Options Include Plastic Thin Shrink
Small-Outline (DGG) and Thin Very
Small-Outline (DGV) Packages

DESCRIPTION/ORDERING INFORMATION
A Dynamic Output Control (DOC) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows
typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At
the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a
high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family
Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC) Circuitry
Technology and Applications, literature number SCEA009.




Similar Part No. - SN74AVC16374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16374 TI-SN74AVC16374 Datasheet
167Kb / 11P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374 Datasheet
369Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI2-SN74AVC16374 Datasheet
471Kb / 21P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
REVISED MARCH 2005
SN74AVC16374DGG TI-SN74AVC16374DGG Datasheet
167Kb / 11P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374DGGR TI-SN74AVC16374DGGR Datasheet
369Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Similar Description - SN74AVC16374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ACT16374Q-EP TI-SN74ACT16374Q-EP Datasheet
134Kb / 8P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16374 PERICOM-PI74ALVCH16374 Datasheet
337Kb / 5P
16-Bit Edge Triggered D-Type Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_04 Datasheet
300Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com