Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7550-1 Datasheet (PDF) - Holtek Semiconductor Inc

HT7550-1 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7550-1
Download  HT7550-1 Download
File Size   85.66 Kbytes
Page   4 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 100mA Voltage Regulator

HT7550-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7550-1 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7550-1
Download  HT7550-1 Click to download

File Size   85.66 Kbytes
Page   4 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 100mA Voltage Regulator

HT7550-1 Datasheet (HTML) - Holtek Semiconductor Inc


HT7550-1 Product details

General Description
The HT75XX series is a set of three-terminal high current low voltage regulator implemented in CMOS technology. They can deliver 100mA output current and allow an input voltage as high as 24V. They are available with several fixed output voltages ranging from 3.0V to 8V. CMOS technology ensures low voltage drop and low quiescent current.

Features
• Low power consumption
• Low voltage drop
• Low temperature coefficient
• High input voltage (up to 24V)
• High output current : 100mA (Pd ≤ 250mW)
• TO-92 and SOT-89 package
 
Applications
• Battery-powered equipment
• Communication equipment
• Audio/Video equipment




Similar Part No. - HT7550-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7550-1 HOLTEK-HT7550-1 Datasheet
129Kb / 14P
100mA Low Power LDO
April 30, 2013
HT7550-1 HOLTEK-HT7550-1 Datasheet
152Kb / 20P
100mA Low Power LDO
HT7550-1 HOLTEK-HT7550-1 Datasheet
1Mb / 20P
100mA Low Power LDO
HT7550-1 HOLTEK-HT7550-1 Datasheet
159Kb / 14P
HT75XX-1 100mA Low Power LDO
logo
TECH PUBLIC Electronics...
HT7550-1 TECHPUBLIC-HT7550-1 Datasheet
3Mb / 7P
Ultra low power consumption, High Voltage Regul LDO
More results


Similar Description - HT7550-1

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS78LXX ADMOS-AMS78LXX Datasheet
59Kb / 7P
100mA VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
100mA POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GLLM317L GTM-GLLM317L Datasheet
197Kb / 3P
100mA ADJUSTABLE VOLTAGE REGULATOR
GMLM317L GTM-GMLM317L Datasheet
206Kb / 3P
100mA ADJUSTABLE VOLTAGE REGULATOR
GSCLM317L GTM-GSCLM317L Datasheet
229Kb / 3P
100mA ADJUSTABLE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
100mA Positive Voltage Regulator
logo
SeCoS Halbleitertechnol...
SCLM317L SECOS-SCLM317L Datasheet
595Kb / 3P
100mA Adjustable Voltage Regulator
SMLM317L SECOS-SMLM317L Datasheet
595Kb / 3P
100mA Adjustable Voltage Regulator
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
100mA Positive Voltage Regulator
VER1.5
logo
Gamma Microelectronics ...
GM79L00 GAMMA-GM79L00 Datasheet
159Kb / 9P
100mA NEGATIVE VOLTAGE REGULATOR
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com