Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74CBTLV3384 Datasheet (PDF) - Texas Instruments

SN74CBTLV3384 Datasheet PDF - Texas Instruments
Part # SN74CBTLV3384
Download  SN74CBTLV3384 Download
File Size   600.6 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE 10-BIT FET BUS SWITCH

SN74CBTLV3384 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CBTLV3384 Datasheet PDF - Texas Instruments

Part # SN74CBTLV3384
Download  SN74CBTLV3384 Click to download

File Size   600.6 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE 10-BIT FET BUS SWITCH

SN74CBTLV3384 Datasheet (HTML) - Texas Instruments


SN74CBTLV3384 Product details

5-Ω Switch Connection Between Two Ports
Rail-to-Rail Switching on Data I/O Ports
Ioff Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)

description/ordering information
The SN74CBTLV3384 provides ten bits of
high-speed bus switching. The low on-state
resistance of the switch allows connections to be
made with minimal propagation delay.
The device is organized as dual 5-bit bus switches
with separate output-enable (OE) inputs. It can be
used as two 5-bit bus switches or one 10-bit bus switch. When OE is low, the associated 5-bit bus switch is on,
and A port is connected to B port. When OE is high, the switch is open, and the high-impedance state exists
between the two ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE shall be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.




Similar Part No. - SN74CBTLV3384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI2-SN74CBTLV3384 Datasheet
599Kb / 18P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
REVISED JUNE 2004
SN74CBTLV3384DBQ TI-SN74CBTLV3384DBQ Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384DBQR TI-SN74CBTLV3384DBQR Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results


Similar Description - SN74CBTLV3384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com