Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74GTLPH306 Datasheet (PDF) - Texas Instruments

SN74GTLPH306 Datasheet PDF - Texas Instruments
Part # SN74GTLPH306
Download  SN74GTLPH306 Download
File Size   544.85 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER

SN74GTLPH306 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74GTLPH306 Datasheet PDF - Texas Instruments

Part # SN74GTLPH306
Download  SN74GTLPH306 Click to download

File Size   544.85 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER

SN74GTLPH306 Datasheet (HTML) - Texas Instruments


SN74GTLPH306 Product details

FEATURES
· TI-OPC™ Circuitry Limits Ringing on
Unevenly Loaded Backplanes
· OEC™ Circuitry Improves Signal Integrity and
Reduces Electromagnetic Interference
· Bidirectional Interface Between GTLP Signal
Levels and LVTTL Logic Levels
· LVTTL Interfaces Are 5-V Tolerant
· Medium-Drive GTLP Outputs (50 mA)
· LVTTL Outputs (–24 mA/24 mA)
· GTLP Rise and Fall Times Designed for
Optimal Data-Transfer Rate and Signal
Integrity in Distributed Loads
· Ioff and Power-Up 3-State Support Hot
Insertion
· Bus Hold on A-Port Data Inputs
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

DESCRIPTION/ORDERING INFORMATION
The SN74GTLPH306 is a medium-drive, 8-bit bus transceiver that provides LVTTL-to-GTLP and GTLP-to-LVTTL
signal-level translation. The device provides a high-speed interface between cards operating at LVTTL logic
levels and a backplane operating at GTLP signal levels. High-speed (about three times faster than standard
LVTTL or TTL) backplane operation is a direct result of GTLP's reduced output swing (<1 V), reduced input
threshold levels, improved differential input, OEC™ circuitry, and TI-OPC™ circuitry. Improved GTLP OEC and
TI-OPC circuits minimize bus-settling time and have been designed and tested using several backplane models.
The medium drive allows incident-wave switching in heavily loaded backplanes with equivalent load impedance
down to 19 W.
GTLP is the Texas Instruments (TI™) derivative of the Gunning Transceiver Logic (GTL) JEDEC standard JESD
8-3. The ac specification of the SN74GTLPH306 is given only at the preferred higher-noise-margin GTLP, but the
user has the flexibility of using this device at either GTL (VTT = 1.2 V and VREF = 0.8 V) or GTLP (VTT = 1.5 V and
VREF = 1 V) signal levels.
Normally, the B port operates at GTLP signal levels. The A-port and control inputs operate at LVTTL logic levels,
but are 5-V tolerant and are compatible with TTL and 5-V CMOS inputs. VREF is the B-port differential input
reference voltage.
This device is fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down. The
power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down,
which prevents driver conflict.




Similar Part No. - SN74GTLPH306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306 Datasheet
589Kb / 17P
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI2-SN74GTLPH306 Datasheet
544Kb / 21P
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
REVISED APRIL 2005
SN74GTLPH306DGVR TI-SN74GTLPH306DGVR Datasheet
255Kb / 1P
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306DGVR TI1-SN74GTLPH306DGVR Datasheet
589Kb / 17P
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Similar Description - SN74GTLPH306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
8-Bit LVTTL/GTLP Bus Transceiver
logo
Texas Instruments
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com