Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC821ADW Datasheet (PDF) - Texas Instruments

SN74LVC821ADW Datasheet PDF - Texas Instruments
Part # SN74LVC821ADW
Download  SN74LVC821ADW Download
File Size   583.93 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS

SN74LVC821ADW Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC821ADW Datasheet PDF - Texas Instruments

Part # SN74LVC821ADW
Download  SN74LVC821ADW Click to download

File Size   583.93 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS

SN74LVC821ADW Datasheet (HTML) - Texas Instruments


SN74LVC821ADW Product details

FEATURES
· Operates From 1.65 V to 3.6 V
· Inputs Accept Voltages to 5.5 V
· Max tpd of 7.3 ns at 3.3 V
· Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
· Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
· Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
· Ioff Supports Partial-Power-Down Mode
Operation
· Latch-Up Performance Exceeds 250 mA Per
JESD 17
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)

DESCRIPTION/ORDERING INFORMATION
This 10-bit bus-interface flip-flop is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC821A features 3-state outputs designed specifically for driving highly capacitive or relatively
low-impedance loads. This device is particularly suitable for implementing wider buffer registers, I/O ports,
bidirectional bus drivers with parity, and working registers.
The ten flip-flops are edge-triggered D-type flip-flops. On the positive transition of the clock (CLK) input, the
device provides true data at the Q outputs.
A buffered output-enable (OE) input can be used to place the ten outputs in either a normal logic state (high or
low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the
bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines
without interface or pullup components.
OE does not affect the internal operations of the latch. Previously stored data can be retained or new data can
be entered while the outputs are in the high-impedance state.




Similar Part No. - SN74LVC821ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC821ADW TI-SN74LVC821ADW Datasheet
139Kb / 9P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADW TI-SN74LVC821ADW Datasheet
466Kb / 16P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADW TI1-SN74LVC821ADW Datasheet
629Kb / 17P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADW TI2-SN74LVC821ADW Datasheet
583Kb / 21P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
REVISED FEBRUARY 2005
SN74LVC821ADW.B TI2-SN74LVC821ADW.B Datasheet
583Kb / 21P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
REVISED FEBRUARY 2005
More results


Similar Description - SN74LVC821ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A Datasheet
139Kb / 9P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74LVC821A TI-SN74LVC821A_08 Datasheet
466Kb / 16P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29822 TI1-SN74BCT29822 Datasheet
77Kb / 4P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
CD74FCT821A TI1-CD74FCT821A_13 Datasheet
223Kb / 9P
BiCMOS 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI1-SN74LVC821A_15 Datasheet
629Kb / 17P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com