Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC827A Datasheet (PDF) - Texas Instruments

SN74LVC827A Datasheet PDF - Texas Instruments
Part # SN74LVC827A
Download  SN74LVC827A Download
File Size   661.44 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs

SN74LVC827A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC827A Datasheet PDF - Texas Instruments

Part # SN74LVC827A
Download  SN74LVC827A Click to download

File Size   661.44 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs

SN74LVC827A Datasheet (HTML) - Texas Instruments


SN74LVC827A Product details

1 Features
1• Operates From 1.65 V to 3.6 V
• Inputs Accept Voltages to 5.5 V
• Max tpd of 6.7 ns at 3.3 V
• Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• Supports Mixed-Mode Signal Operation on
All Ports (5-V Input/Output Voltage With
3.3-V VCC)
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model
– 200-V Machine Model
– 1000-V Charged-Device Model

2 Applications
• LED Displays
• Network Switches
• Telecom Infrastructure
• Servers
• Motor Drivers
• I/O Expanders

3 Description/Ordering Information
The SN74LVC827A device is a 10-bit buffer/bus
driver is designed for 1.65-V to 3.6-V VCC operation.




Similar Part No. - SN74LVC827A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI1-SN74LVC827A Datasheet
923Kb / 23P
SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
SN74LVC827A TI2-SN74LVC827A Datasheet
660Kb / 27P
SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
REVISED DECEMBER 2014
SN74LVC827ADBLE TI-SN74LVC827ADBLE Datasheet
279Kb / 13P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827ADBLE TI1-SN74LVC827ADBLE Datasheet
923Kb / 23P
SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
More results


Similar Description - SN74LVC827A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74LVC827A TI1-SN74LVC827A_16 Datasheet
923Kb / 23P
SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com