Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128PFC Datasheet (PDF) - Texas Instruments

UCD3138128PFC Datasheet PDF - Texas Instruments
Part # UCD3138128PFC
Download  UCD3138128PFC Download
File Size   2751.72 Kbytes
Page   84 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power

UCD3138128PFC Datasheet (PDF)

Go To PDF Page Download Datasheet
UCD3138128PFC Datasheet PDF - Texas Instruments

Part # UCD3138128PFC
Download  UCD3138128PFC Click to download

File Size   2751.72 Kbytes
Page   84 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power

UCD3138128PFC Datasheet (HTML) - Texas Instruments


UCD3138128PFC Product details

1 Features
1• 64 kB and 128 kB Program Flash Derivative of
UCD3138 Family
– 2-32 kB or 4-32 kB Program Flash Memory
Banks
– Supports Execution From 1 Bank, While
Programming Another
– Capability to Update Firmware Without
Shutting Down the Power Supply
– Additional Communication Ports Compared to
the UCD3138 (+1 SPI, +1 I2C)
– Boot Flash Based Dual Memory Image
Support for ‘On the Fly’ Firmware Updates
• Digital Control of up to 3 Independent Feedback
Loops
– Dedicated PID Based Hardware
– 2-pole/2-zero Configurable, Non-Linear Control
• Up to 16 MSPS Error A/D Converter (EADC)
– Configurable Resolution (min: 1mV/LSB)
– Up to 8x Oversampling and Adaptive Sample
Positioning
– Hardware Based Averaging (up to 8x)
– 14 bit Effective Reference DAC
• Up to 8 High Resolution Digital Pulse Width
Modulated (DPWM) Outputs
– 250 ps Pulse Width Resolution
– 4 ns Frequency and Phase Resolution
– Adjustable Phase Shift and Dead-bands
– Cycle-by-Cycle Duty Cycle Matching
– Up to 2 MHz Switching Frequency
• Configurable Trailing/Leading/Triangular
Modulation
• RTC support
• Configurable Feedback Control
– Voltage, Average Current and Peak Current
Mode Control
– Constant Current, Constant Power
• Configurable FM, Phase Shift Modulation and
PWM
• Fast, Automatic and Smooth Mode Switching
– Frequency Modulation and PWM
– Phase Shift Modulation and PWM
• High Efficiency and Light Load Management
– Burst Mode & Ideal Diode Emulation
– Synchronous Rectifier Soft On/Off
– Low IC Standby Power
• Primary Side Voltage Sensing
• Current Share (Average & Master/Slave)
• Feature Rich Fault Protection Options
– 7 Analog / 4 Digital Comparators,
– Cycle-by-Cycle Current Limiting
– Programmable Blanking Time and Fault
Counting
– External Fault Inputs
• Synchronization of DPWM Waveforms Between
Multiple UCD3138x Devices
• 15 channel, 12 bit, 267 ksps General Purpose
ADC
• Internal Temperature Sensor
• Fully Programmable High-Performance 31.25
MHz, 32-bit ARM7TDMI-S Processor
– 64 kB Program Flash (2-32 kB Banks)
– 2 kB Data Flash with ECC
– 8 kB Data RAM
– 4 kB Boot ROM Enables Firmware Boot-Load
• Communication Peripherals,
– 2 - I2C/PMBus interfaces
– 2 - UARTs, 1 - SPI
• Timer Capture with Selectable Input Pins
• 80-pin QFP Package
• Operating Temperature: –40°C to 125°C

2 Applications
• Power Supplies and Telecom Rectifiers
• Power Factor Correction
• Isolated DC-DC Modules
• Phase Shifted Full Bridge with Peak Current Mode
Control, LLC, HSFB, Forward, etc.





Similar Part No. - UCD3138128PFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138128PFC TI-UCD3138128PFC Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCD3138128PFCR TI-UCD3138128PFCR Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
More results


Similar Description - UCD3138128PFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
Highly Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
UCD3138x Highly-Integrated Digital Controller For Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
Highly Integrated Digital Controller for Isolated Power
UCD3138064 TI1-UCD3138064 Datasheet
3Mb / 91P
UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
UCD3138064A TI1-UCD3138064A Datasheet
2Mb / 83P
UCD3138064A Highly Integrated Digital Controller for Isolated Power
UCD3138128A TI1-UCD3138128A Datasheet
2Mb / 83P
UCD3138128A Highly-Integrated Digital Controller For Isolated Power
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
Highly-Integrated Digital Controller for Isolated Power
UCD3138064 TI-UCD3138064_V01 Datasheet
5Mb / 104P
UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com