Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD74106 Datasheet (PDF) - Texas Instruments

UCD74106 Datasheet PDF - Texas Instruments
Part # UCD74106
Download  UCD74106 Download
File Size   782.82 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Synchronous-Buck Power Stage

UCD74106 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCD74106 Datasheet PDF - Texas Instruments

Part # UCD74106
Download  UCD74106 Click to download

File Size   782.82 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Synchronous-Buck Power Stage

UCD74106 Datasheet (HTML) - Texas Instruments


UCD74106 Product details

1FEATURES
• Fully Integrated Power Switches With Drivers
for Single and Multiphase Synchronous Buck
Converters
• Full Compatibility With TI Fusion Digital Power
Supply Controllers, (UCD91xx and UCD92xx
Families)
• Compatible With Analog Domain Controllers
• Wide Input Voltage Range: low–
4.5 V to 18 V
– Operational Down to 2.2-V Input With an
External Bias Supply
• Up to 6-A Output Current
• Operational to 2-MHz Switching Frequency
• Current Limit With Current Limit Flag
• Onboard Regulated 6-V Driver Supply From
VIN
• Thermal Protection and Monitoring

lowAPPLICATIONS
• Digitally-Controlled Synchronous-Buck Power
Stage for Single and Multi-Phase Applications
• High Efficiency Small Size Regulators for
Desktop, Server, Telecom and Notebook
Applications
• Synchronous-Buck Power Stages

DESCRIPTION
The UCD74106 is a complete power system ready to
drive a buck power supply (Figure 1). High-side
MOSFETs, low-side MOSFETs, drivers, current
sensing circuitry and necessary protection functions
are all integrated into one monolithic solution to
facilitate minimum size and maximum efficiency.
Driver circuits provide high charge and discharge
current for the high-side NMOS switch and the low–
side NMOS synchronous rectifier in a synchronous
buck circuit. The MOSFET gates are driven to 6.25 V
by an internally regulated VGG supply. The internal
VGG regulator can be disabled to permit the user to
supply an independent gate drive voltage. This
flexibility allows a wide power conversion input
voltage range of 2.2 V to 18 V. Internal Under
Voltage Lockout (UVLO) logic insures VGG is good
before allowing chip operation.
A drive logic block allows operation in one of two
modes. In synchronous mode, the logic block uses
the PWM signal to control both the high-side and lowAPPLICATIONS
side gate drive signals. Dead time is optimized to
prevent cross conduction. The synchronous rectifier enable (SRE) pin controls whether or not the low-side
FET is turned on when the PWM signal is low.




Similar Part No. - UCD74106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
UCD74106 TI2-UCD74106 Datasheet
779Kb / 29P
Synchronous-Buck Power Stage
REVISED DECEMBER 2012
UCD74106RGMR TI1-UCD74106RGMR Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
UCD74106RGMR TI2-UCD74106RGMR Datasheet
779Kb / 29P
Synchronous-Buck Power Stage
REVISED DECEMBER 2012
UCD74106RGMR.B TI2-UCD74106RGMR.B Datasheet
779Kb / 29P
Synchronous-Buck Power Stage
REVISED DECEMBER 2012
More results


Similar Description - UCD74106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M_1110 TI-CSD96370Q5M_1110 Datasheet
1,004Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97376Q4M TI-CSD97376Q4M Datasheet
917Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD97374Q4M TI-CSD97374Q4M Datasheet
931Kb / 18P
Synchronous Buck NexFET Power Stage
CSD96371Q5M TI-CSD96371Q5M_15 Datasheet
1Mb / 19P
Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M_15 Datasheet
1Mb / 25P
Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com