Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD74120 Datasheet (PDF) - Texas Instruments

UCD74120 Datasheet PDF - Texas Instruments
Part # UCD74120
Download  UCD74120 Download
File Size   591.18 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Current, Synchronous Buck Power Stage

UCD74120 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCD74120 Datasheet PDF - Texas Instruments

Part # UCD74120
Download  UCD74120 Click to download

File Size   591.18 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Current, Synchronous Buck Power Stage

UCD74120 Datasheet (HTML) - Texas Instruments


UCD74120 Product details

1 FEATURES
1• Integrates Synchronous Buck Driver and
NexFET™ Power MOSFETS for High Power
Density and High Efficiency
• 25-A Output Current Capability for DSP and ASIC
• 4.7-V to 14-V Input Voltage Range
• Operational up to 2 MHz Switching Frequency
• Built-In High-Side Current Protection
• DCR Current Sensing for Overcurrent Protection
and Output Current Monitoring
• Voltage Proportional to Load Current Monitor
Output
• Tri-state PWM Input for Power Stage Shutdown
• UVLO Housekeeping Circuit
• Integrated Thermal Shutdown
• 40-Pin, 5 mm x 7 mm, PQFN PowerStack™
Package

2 APPLICATIONS
• Digital or Analog POL Power Modules
• High Power Density DC-DC Converters for
Telecom and Networking Applications

3 DESCRIPTION
UCD74120 is a multi-chip module integrating a driver
device and two NexFET power MOSFETs into a
thermally enhanced compact, 5 mm × 7 mm, QFN
package. A 25-A output current capability makes the
device suitable for powering DSP and ASIC. The
device is designed to complement digital or analog
PWM controllers. The PWM input of the driver device
is 3-state compatible. Two driver circuits provide high
charge and discharge current for the high-side Nchannel
FET switch and the low-side N-channel FET
synchronous rectifier in a synchronous buck
converter.
Output current is measured and monitored by a
precision current sensing amplifier that processes the
voltage present across an external current sense
element. The amplified signal is available for use by
the PWM controller on the IMON pin. On-board
comparators monitor the voltage across the high-side
switch and the voltage across the external current
sense element to safeguard the power stage from
sudden high-current loads. Blanking delay is set for
the high-side comparator by a single resistor in order
to avoid false reports coincident with switching edge
noise. In the even of a high-side fault or an
overcurrent fault, the high-side FET is turned off and
the fault flag (FLT) is asserted to alert the PWM
controller.




Similar Part No. - UCD74120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74120 TI-UCD74120 Datasheet
876Kb / 22P
High-Current, Synchronous Buck Power Stage
UCD74120RVFR TI-UCD74120RVFR Datasheet
876Kb / 22P
High-Current, Synchronous Buck Power Stage
UCD74120RVFT TI-UCD74120RVFT Datasheet
876Kb / 22P
High-Current, Synchronous Buck Power Stage
More results


Similar Description - UCD74120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M_1110 TI-CSD96370Q5M_1110 Datasheet
1,004Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Stage
UCD74111 TI-UCD74111 Datasheet
843Kb / 22P
High-Current, Synchronous Buck Power Stage
UCD74120 TI-UCD74120 Datasheet
876Kb / 22P
High-Current, Synchronous Buck Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97376Q4M TI-CSD97376Q4M Datasheet
917Kb / 19P
Synchronous Buck NexFET??Power Stage
CSD97374Q4M TI-CSD97374Q4M Datasheet
931Kb / 18P
Synchronous Buck NexFET Power Stage
CSD96371Q5M TI-CSD96371Q5M_15 Datasheet
1Mb / 19P
Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M_15 Datasheet
1Mb / 25P
Synchronous Buck NexFET??Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com