Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD90124A Datasheet (PDF) - Texas Instruments

UCD90124A Datasheet PDF - Texas Instruments
Part # UCD90124A
Download  UCD90124A Download
File Size   2237.32 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCD90124A 12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control"

UCD90124A Datasheet (PDF)

Go To PDF Page Download Datasheet
UCD90124A Datasheet PDF - Texas Instruments

Part # UCD90124A
Download  UCD90124A Click to download

File Size   2237.32 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCD90124A 12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control"

UCD90124A Datasheet (HTML) - Texas Instruments


UCD90124A Product details

1 Features
1• Monitor and sequence 12 voltage rails
– All rails sampled every 400 μs
– 12-bit ADC with 2.5-V, 0.5% internal VREF
– Sequence based on time, rail and pin
dependencies
– Four programmable undervoltage and
overvoltage thresholds per monitor
• Nonvolatile error and peak-value logging per
monitor (up to 12 fault detail entries)
• Closed-loop margining for 10 Rails
– Margin output adjusts rail voltage to match
user-defined margin thresholds
• Programmable watchdog timer and system reset
• Flexible digital I/O configuration
• Pin-selected rail states
• Multiphase PWM clock generator
– Clock frequencies from 15.259 kHz to
125 MHz
– Capability to configure independent clock
outputs for synchronizing switch-mode power
supplies
• JTAG and I2C/SMBus/PMBus™ interfaces
• Fan control and monitoring system functions.
– Supports four fans with five user-defined
speed-vs-temperature setpoints
– Supports two-, three-, and four-wire fans

2 Applications
• Industrial ATE
• Telecommunications and networking equipment
• Servers and storage systems
• Any system requiring sequencing and monitoring
of multiple power rails

3 Description
The UCD90124A is a 12-rail PMBus/I2C addressable
power-supply sequencer and monitor. The device
integrates a 12-bit ADC for monitoring up to 12
power-supply voltage inputs. Twenty-six GPIO pins
can be used for power supply enables, power-on
reset signals, external interrupts, cascading, or other
system functions. Twelve of these pins offer PWM
functionality. Using these pins, the UCD90124A offers
support for fan control, margining, and generalpurpose
PWM functions.
Specific power states can be achieved using the Pin-
Selected Rail States feature. This feature allows with
the use of up to 3 GPIs to enable and disable any
rail. This is useful for implementing system low-power
modes and the Advanced Configuration and Power
Interface (ACPI) specification that is used for
hardware devices.
The TI Fusion Digital Power™ designer software is
provided for device configuration. This PC-based
graphical user interface (GUI) offers an intuitive
interface for configuring, storing, and monitoring all
system operating parameters.




Similar Part No. - UCD90124A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90124ARGCR TI1-UCD90124ARGCR Datasheet
1Mb / 51P
12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90124ARGCT TI1-UCD90124ARGCT Datasheet
1Mb / 51P
12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
More results


Similar Description - UCD90124A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
12-Rail Sequencer and System Health Monitor With Fan Control
UCD90160 TI1-UCD90160 Datasheet
1Mb / 41P
16-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090 TI-UCD9090 Datasheet
1Mb / 48P
10-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
10-Rail Power Supply Sequencer and Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com