Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20065-Y Datasheet (PDF) - STMicroelectronics

STPSC20065-Y Datasheet PDF - STMicroelectronics
Part # STPSC20065-Y
Download  STPSC20065-Y Download
File Size   617.88 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 650 V power Schottky silicon carbide diode

STPSC20065-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC20065-Y Datasheet PDF - STMicroelectronics

Part # STPSC20065-Y
Download  STPSC20065-Y Click to download

File Size   617.88 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 650 V power Schottky silicon carbide diode

STPSC20065-Y Datasheet (HTML) - STMicroelectronics


STPSC20065-Y Product details

Features
 AEC-Q101 qualified
 No reverse recovery charge in application
current range
 Switching behavior independent of
temperature
 Dedicated to PFC applications
 High forward surge capability
 ECOPACK® 2 compliant component
 PPAP capable
 Operating Tj from -40 °C to 175 °C




Similar Part No. - STPSC20065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
More results


Similar Description - STPSC20065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
STPSC10H065-Y STMICROELECTRONICS-STPSC10H065-Y Datasheet
560Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
06-Feb-2017
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC10C065-Y STMICROELECTRONICS-STPSC10C065-Y Datasheet
223Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
24-Sep-2018
STPSC10H065BY-TR STMICROELECTRONICS-STPSC10H065BY-TR Datasheet
236Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC8065-Y STMICROELECTRONICS-STPSC8065-Y Datasheet
506Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC6C065-Y STMICROELECTRONICS-STPSC6C065-Y Datasheet
182Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
December 2016 Rev 2
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com