Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST1H100 Datasheet (PDF) - STMicroelectronics

STPST1H100 Datasheet PDF - STMicroelectronics
Part # STPST1H100
Download  STPST1H100 Download
File Size   556.67 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V - 1 A power Schottky trench rectifier

STPST1H100 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPST1H100 Datasheet PDF - STMicroelectronics

Part # STPST1H100
Download  STPST1H100 Click to download

File Size   556.67 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V - 1 A power Schottky trench rectifier

STPST1H100 Datasheet (HTML) - STMicroelectronics


STPST1H100 Product details

Features
• High junction temperature capability
• Low forward voltage drop
• Low recovery charges
• Reduces conduction, reverse and switching losses
• Avalanche tested
• Flat packages
• ECOPACK2 compliant




Similar Part No. - STPST1H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
561Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
24-Jul-2023
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y_V01 Datasheet
561Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
24-Jul-2023
STPST1H100AF STMICROELECTRONICS-STPST1H100AF Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
More results


Similar Description - STPST1H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPST12H100 STMICROELECTRONICS-STPST12H100 Datasheet
479Kb / 9P
100 V - 12 A power Schottky trench rectifier
02-Jan-2023
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
logo
Nexperia B.V. All right...
PMEG100T10ELXD-Q NEXPERIA-PMEG100T10ELXD-Q Datasheet
255Kb / 13P
100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
PMEG100T10ELXD NEXPERIA-PMEG100T10ELXD Datasheet
255Kb / 13P
100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com