Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST2H100-Y Datasheet (PDF) - STMicroelectronics

STPST2H100-Y Datasheet PDF - STMicroelectronics
Part # STPST2H100-Y
Download  STPST2H100-Y Download
File Size   563.58 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 100 V - 2 A power Schottky trench rectifier

STPST2H100-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPST2H100-Y Datasheet PDF - STMicroelectronics

Part # STPST2H100-Y
Download  STPST2H100-Y Click to download

File Size   563.58 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 100 V - 2 A power Schottky trench rectifier

STPST2H100-Y Datasheet (HTML) - STMicroelectronics


STPST2H100-Y Product details

Features
• AEC-Q101 qualified
• PPAP capable
• Low forward voltage drop
• Low recovery charges
• Reduces conduction, reverse and switching losses
• 100% Avalanche tested in production
• Operating Tj from -40 °C to +175 °C
• Flat packages
• ECOPACK2 compliant




Similar Part No. - STPST2H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
More results


Similar Description - STPST2H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST10H100SB-Y STMICROELECTRONICS-STPST10H100SB-Y Datasheet
395Kb / 9P
Automotive 100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y Datasheet
409Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
logo
Nexperia B.V. All right...
PMEG100T20ELXD-Q NEXPERIA-PMEG100T20ELXD-Q Datasheet
254Kb / 13P
100 V, 2 A Trench Schottky barrier rectifier
1 April 2022
PMEG100T20ELXD NEXPERIA-PMEG100T20ELXD Datasheet
255Kb / 13P
100 V, 2 A Trench Schottky barrier rectifier
1 April 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com