Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST3H100 Datasheet (PDF) - STMicroelectronics

STPST3H100 Datasheet PDF - STMicroelectronics
Part # STPST3H100
Download  STPST3H100 Download
File Size   580.3 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V - 3 A power Schottky trench rectifier

STPST3H100 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPST3H100 Datasheet PDF - STMicroelectronics

Part # STPST3H100
Download  STPST3H100 Click to download

File Size   580.3 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V - 3 A power Schottky trench rectifier

STPST3H100 Datasheet (HTML) - STMicroelectronics


STPST3H100 Product details

Features
• High junction temperature capability
• Low forward voltage drop
• Low recovery charges
• Reduces conduction, reverse and switching losses
• Avalanche tested
• Flat packages
• ECOPACK2 compliant




Similar Part No. - STPST3H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
STPST3H100-Y STMICROELECTRONICS-STPST3H100-Y Datasheet
483Kb / 9P
Automotive 100 V - 3 A power Schottky trench diode
25-Jul-2023
STPST3H100AF STMICROELECTRONICS-STPST3H100AF Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
STPST3H100AFY STMICROELECTRONICS-STPST3H100AFY Datasheet
483Kb / 9P
Automotive 100 V - 3 A power Schottky trench diode
25-Jul-2023
STPST3H100UF STMICROELECTRONICS-STPST3H100UF Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
More results


Similar Description - STPST3H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST10H100SB STMICROELECTRONICS-STPST10H100SB Datasheet
391Kb / 9P
100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST12H100 STMICROELECTRONICS-STPST12H100 Datasheet
479Kb / 9P
100 V - 12 A power Schottky trench rectifier
02-Jan-2023
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com