Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2505 Datasheet (PDF) - Texas Instruments

TAS2505 Datasheet PDF - Texas Instruments
Part # TAS2505
Download  TAS2505 Download
File Size   2590.25 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS2505 2.6W Digital/Analog Input Class-D Speaker Amplifier With Audio Processing

TAS2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS2505 Datasheet PDF - Texas Instruments

Part # TAS2505
Download  TAS2505 Click to download

File Size   2590.25 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS2505 2.6W Digital/Analog Input Class-D Speaker Amplifier With Audio Processing

TAS2505 Datasheet (HTML) - Texas Instruments


TAS2505 Product details

1 Features
. Mono class-D BTL speaker amplifier
. 2.6W at 10% THD_N (4Ω, 5.5V)
. 1.7W at 10% THD+N (8Ω, 5.5V)
. Supports both digital and analog input
. Single supply 2.7V to 5.5V
. Load diagnostic functions:
. Output-to-GND Short
. Terminal-to-terminal short
. Output-to-power short
. Over temperature
. Input DC
. Supports 9kHz to 96kHz sample rates
. Two single-ended inputs with output mixing and
level control
. Embedded power-on-reset
. Programmable digital audio processing:
. Bass boost
. Treble
. EQ (up to 6 biquads)
. I2S, Left-justified, right-justified, DSP, and TDM
audio interfaces
. I2C and SPI Control With Auto-Increment
. 24-Pin, VQFN package

2 Applications
. Instrument Cluster
. Automotive Emergency Call (eCall)
. Telematics

3 Description
The TAS2505 is a mono Class-D speaker amp
that supports both Digital and Analog inputs. The
device is designed for automotive instrument cluster,
emergency call (eCall), and telematics applications.
Direct I2S input removes the need for an external
DAC in the audio signal path. In addition to
integration, the device features programmable audio
processing. The onboard DSP supports bass boost,
treble, and EQ (up to 6 biquads). An on-chip PLL
provides the high-speed clock needed by the DSP.
The volume level is register controlled.




Similar Part No. - TAS2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505 TI-TAS2505 Datasheet
463Kb / 30P
Digital Input Mono Speaker Amp
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS2505 TI1-TAS2505 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
TAS2505 TI1-TAS2505 Datasheet
2Mb / 42P
TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
REVISED JULY 2023
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
More results


Similar Description - TAS2505

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
Analog Input Stereo Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
Digital Input Class D Speaker Amplifier
Rev 0; 3/15
logo
Texas Instruments
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622 REALTEK-ALC5622 Datasheet
1Mb / 73P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
Texas Instruments
TAS2505-Q1 TI1-TAS2505-Q1_V01 Datasheet
2Mb / 42P
TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com