Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5548 Datasheet (PDF) - Texas Instruments

TAS5548 Datasheet PDF - Texas Instruments
Part # TAS5548
Download  TAS5548 Download
File Size   1949.71 Kbytes
Page   118 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output

TAS5548 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5548 Datasheet PDF - Texas Instruments

Part # TAS5548
Download  TAS5548 Click to download

File Size   1949.71 Kbytes
Page   118 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output

TAS5548 Datasheet (HTML) - Texas Instruments


TAS5548 Product details

1 Features
1. General Features
. 8ch Asynchronous Sample Rate Converter
. 8 Channel Audio Processing for 32-192 kHz
(ARSC to 96kHz)
. 4 Channel Native Audio Processing at 192kHZ
. 30 kHz Audio Bandwidth for DTS-HD
Compatibility
. Energy Manager for Overall System Power
Control
. Power Supply Volume Control
. Audio Input or Output
. Up to Five Synchronous Serial Audio Inputs
(10 Channels)
. Up to One Synchronous Serial Audio Outputs
(2 Channels)
. I2S Master Mode When Used With External
Crystal
. Slave Mode 32-192KHz With Auto/Manual
Sample Rate Detection
. Eight Differential PWM Output That can
Support AD or BD Modulation
. Two Differential PWM Headphone Outputs
. I2S Out for External Wireless Sub
. PWM Output Supports Single Ended (S.E.) or
Bridge Tied Load (BTL)
. Audio Processing
. Volume Control Range 18 dB to .127 dB
(Master and Eight Channel Volume)
. Bass and Treble Tone Controls With ±18-dB
Range, Selectable Corner Frequencies
. Configurable Loudness Compensation
. Two Dynamic Range Compressors With Two
Thresholds, Two Offsets, and Three Slopes
. Seven Biquads Per Channel
. PWM Processing
. >105-dB Dynamic Range
. THD+N < 0.1% (0.40 kHz)
. 20-Hz.40-kHz, Flat Noise Floor for 32KHz -
192KHz
. Flexible Automute Logic With Programmable
Threshold and Duration for Noise-Free
Operation
. Power-Supply Volume Control (PSVC) in High-
Performance Applications
. Adjustable Modulation Limit

2 Applications
Interface Seamlessly with Most Digital Audio
Decoders

3 Description
The TAS5548 is an 8-channel Digital Pulse Width
Modulator (PWM) with Digital Audio Processing and
Sample Rate Converter that provides both advanced
performance and a high level of system integration.
TAS5548 is designed to support DTS-HD
specification Blu-ray HTiB applications. The ASRC
consists of two separate modules which handle 4
channels each. Therefore, it is possible to support up
to two different input sampling rates.
Texas Instruments Power Stages are designed to
work seamlessly with the TAS5548. The TAS5548
also provides a high-performance, differential output to drive an external, differential-input, analog
headphone amplifier.
The TAS5548 supports AD, BD, and ternary
modulation operating at a 384-kHz switching rate for
48-, 96-, and 192-kHz data. The external crystal used
must be 12.288 MHz. The TAS5548 also features
power-supply-volume-control (PSVC), which
improves dynamic range at lower power level and can be used as part of a Class G power supply when
used with closed-loop PWM input power stages.




Similar Part No. - TAS5548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5548 TI-TAS5548 Datasheet
1Mb / 120P
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548 TI1-TAS5548 Datasheet
1Mb / 116P
8-Channel HD Compatible Audio Processor
TAS5548DCA TI-TAS5548DCA Datasheet
1Mb / 120P
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548DCA TI-TAS5548DCA Datasheet
3Mb / 16P
evaluation of the features of the TAS5548 PWM digital audio processor.
TAS5548DCA TI1-TAS5548DCA Datasheet
1Mb / 116P
8-Channel HD Compatible Audio Processor
More results


Similar Description - TAS5548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
8 Channel Digital Audio PWM Processor
TAS5518C TI1-TAS5518C Datasheet
1Mb / 103P
8-Channel Digital Audio PWM Processor
TAS5548 TI-TAS5548 Datasheet
1Mb / 120P
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558 Datasheet
1Mb / 122P
8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
8-Channel Digital Audio PWM Processor
TAS5548 TI-TAS5548_15 Datasheet
1Mb / 116P
TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5558 TI-TAS5558_15 Datasheet
1Mb / 121P
TAS5558 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
TAS5548 TI1-TAS5548 Datasheet
1Mb / 116P
8-Channel HD Compatible Audio Processor
TAS5558 TI1-TAS5558 Datasheet
1Mb / 121P
8-Channel HD Compatible Audio Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com