Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5630B Datasheet (PDF) - Texas Instruments

TAS5630B Datasheet PDF - Texas Instruments
Part # TAS5630B
Download  TAS5630B Download
File Size   2815.53 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5630B 300-W Stereo and 400-W Mono PurePath™ HD Analog-Input Power Stage

TAS5630B Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5630B Datasheet PDF - Texas Instruments

Part # TAS5630B
Download  TAS5630B Click to download

File Size   2815.53 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS5630B 300-W Stereo and 400-W Mono PurePath™ HD Analog-Input Power Stage

TAS5630B Datasheet (HTML) - Texas Instruments


TAS5630B Product details

1 Features
1. PurePath™ HD Enabled Integrated Feedback
Provides:
. Signal Bandwidth up to 80 kHz for High-
Frequency Content From HD Sources
. Ultralow 0.03% THD at 1 W into 4 Ω
. Flat THD at All Frequencies for Natural Sound AB.
80-dB PSRR (BTL, No Input Signal)
. > 100-dB (A-weighted) SNR
. Click- and Pop-Free Start-up
. Multiple Configurations Possible on the Same
PCB With Stuffing Options:
. Mono Parallel Bridge-Tied Load (PBTL)
. Stereo Bridge-Tied Load (BTL)
. 2.1 Single-Ended Stereo Pair and BTL
Subwoofer
. Quad Single-Ended Outputs
. Total Output Power at 10% THD+N
. 400 W in Mono PBTL Configuration
. 300 W per Channel in Stereo BTL
Configuration
. 145 W per Channel in Quad Single-Ended
Configuration
. High-Efficiency Power Stage (> 88%) With 60-mΩ
Output MOSFETs
. Two Thermally Enhanced Package Options:
. PHD (64-Pin QFP)
. DKD (44-Pin PSOP3)
. Self-Protection Design (Including Undervoltage,
Overtemperature, Clipping, and Short-Circuit
Protection) With Error Reporting
. EMI Compliant When Used With Recommended
System Design

2 Applications
. Mini Combo System
. AV Receivers
. DVD Receivers
. Active Speakers

3 Description
The TAS5630B device is a high-performance analog-
input class-D amplifier with integrated closed-loop
feedback technology (known as PurePath HD
technology) with the ability to drive up to 300 W (1)
stereo into 4-Ω to 8-Ω speakers from a single 50-V
supply.
PurePath HD technology enables traditional AB–
amplifier performance (< 0.03% THD) levels while
providing the power efficiency of traditional class-D amplifiers.
Unlike traditional class-D amplifiers, the distortion curve does not increase until the output levels move
into clipping.
PurePath HD technology enables lower idle losses,
making the device even more efficient. When coupled
with TI’s class-G power-supply reference design for
TAS563x, industry-leading levels of efficiency can be
achieved.




Similar Part No. - TAS5630B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI-TAS5630B Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
3Mb / 39P
300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630B TI1-TAS5630B Datasheet
2Mb / 38P
300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630B TI-TAS5630B Datasheet
2Mb / 38P
TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
More results


Similar Description - TAS5630B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630B TI-TAS5630B_15 Datasheet
2Mb / 38P
TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
TAS5630B TI1-TAS5630B_15 Datasheet
2Mb / 38P
300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630B TI1-TAS5630B_17 Datasheet
3Mb / 39P
300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com