Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5631B Datasheet (PDF) - Texas Instruments

TAS5631B Datasheet PDF - Texas Instruments
Part # TAS5631B
Download  TAS5631B Download
File Size   2822.45 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 300-W STEREO / 400-W MONO PurePath™ HD DIGITAL-INPUT POWER STAGE

TAS5631B Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5631B Datasheet PDF - Texas Instruments

Part # TAS5631B
Download  TAS5631B Click to download

File Size   2822.45 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 300-W STEREO / 400-W MONO PurePath™ HD DIGITAL-INPUT POWER STAGE

TAS5631B Datasheet (HTML) - Texas Instruments


TAS5631B Product details

1FEATURES
23. PurePath™ HD Enabled Integrated Feedback
Provides:
. Signal Bandwidth up to 80 kHz for High-
Frequency Content From HD Sources
. Ultralow 0.03% THD at 1 W Into 4 Ω
. Flat THD at All Frequencies for Natural
Sound
. 80-dB PSRR (BTL, No Input Signal)
. >100-dB (A-weighted) SNR
. Click- and Pop-Free Start-Up
. Multiple Configurations Possible on the Same
PCB With Stuffing Options:
. Mono Parallel Bridge-Tied Load (PBTL)
. Stereo Bridge-Tied Load (BTL)
. 2.1 Single-Ended Stereo Pair and Bridge-
Tied Load Subwoofer
. Quad Single-Ended Outputs
. Total Output Power at 10% THD+N
. 400 W per Channel in Mono PBTL
Configuration
. 300 W per Channel in Stereo BTL
Configuration
. 145 W per Channel in Quad Single-Ended
Configuration
. High-Efficiency Power Stage (>88%) With 60-
mΩ Output MOSFETs
. Two Thermally Enhanced Package Options:
. PHD (64-Pin QFP)
. DKD (44-Pin PSOP3)
. Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
. EMI Compliant When Used With
Recommended System Design

APPLICATIONS
• Mini Combo System
• AV Receivers
• DVD Receivers
• Active Speakers

DESCRIPTION
The TAS5631B is a high-performance PWM input
class-D amplifier with integrated closed-loop
feedback technology (known as PurePath HD technology) with the ability to drive up to 300 W (1)
stereo into 4-Ω to 8-Ω speakers from a single 50-V
supply.
PurePath HD technology enables traditional AB-
amplifier performance (<0.03% THD) levels while
providing the power efficiency of traditional class-D
amplifiers.
Unlike traditional class-D amplifiers, the distortion
curve does not increase until the output levels move
into clipping. PurePath HD™
PurePath HD technology enables lower idle losses, making the device even more efficient.
Note 1. Achievable output power levels are
dependent on the thermal configuration of the target
application. A high-performance thermal interface
material between the package exposed heat slug
and the heat sink should be used to achieve high
output-power levels.




Similar Part No. - TAS5631B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BDKD TI1-TAS5631BDKD Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BDKDR TI1-TAS5631BDKDR Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BPHD TI1-TAS5631BPHD Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631BPHDR TI1-TAS5631BPHDR Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
More results


Similar Description - TAS5631B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630B TI1-TAS5630B_17 Datasheet
3Mb / 39P
300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com