Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5711 Datasheet (PDF) - Texas Instruments

TAS5711 Datasheet PDF - Texas Instruments
Part # TAS5711
Download  TAS5711 Download
File Size   2488.37 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE

TAS5711 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5711 Datasheet PDF - Texas Instruments

Part # TAS5711
Download  TAS5711 Click to download

File Size   2488.37 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE

TAS5711 Datasheet (HTML) - Texas Instruments


TAS5711 Product details

1FEATURES
2• Audio Input/Output
– 20-W Into an 8-Ω Load From an 18-V Supply
– Wide PVDD Range, From 8 V to 26 V
– Efficient Class-D Operation Eliminates
Need for Heatsinks
– One Serial Audio Input (Two Audio
Channels)
– 2.1 Mode (2 SE + 1 BTL)
– 2.0 Mode (2 BTL)
– Single-Filter PBTL Mode Support
– I2C Address Selection Pin (Chip Select)
– Supports 8-kHz to 48-kHz Sample Rate
(LJ/RJ/I2S)
• Audio/PWM Processing
– Independent Channel Volume Controls With
24-dB to Mute
– Separate Dynamic Range Control for
Satellite and Subchannels
– 21 Programmable Biquads for Speaker EQ
and Other Audio Processing Features
– Programmable Coefficients for DRC Filters
– DC Blocking Filters
– Support for 3D Effects
• General Features
– Serial Control Interface Operational Without
MCLK
– Factory-Trimmed Internal Oscillator for
Automatic Rate Detection
– Surface Mount, 48-Pin, 7-mm × 7-mm
HTQFP Package
– Thermal and Short-Circuit Protection
– Support for AD or BD Mode
• Benefits
– Up to 90% Efficient
– AD and BD Filter Mode Support
– SNR: 106 dB, A-Weighted
– EQ: Speaker Equalization Improves Audio
Performance
– DRC: Dynamic Range Compression. Can
Be Used As Power Limiter. Enables
Speaker Protection, Easy Listening,
Night-Mode Listening.
– Separate DRC for Satellite and
Subchannels
– Autobank Switching: Preload Coefficients
for Different Sample Rates. No Need to
Write new Coefficients to the Part When
Sample Rate Changes.
– Autodetect: Automatically Detects
Sample-Rate Changes. No Need for
External Microprocessor Intervention
• Requires Only 3.3 V and PVDD

APPLICATIONS
• Television
• iPod™ Dock
• Sound Bar

DESCRIPTION
The TAS5711 is a 20-W, efficient, digital audio power
amplifier for driving stereo bridge-tied speakers. One
serial data input allows processing of up to two
discrete audio channels and seamless integration to
most digital audio processors and MPEG decoders.
The device accepts a wide range of input data and
data rates. A fully programmable data path routes
these channels to the internal speaker drivers.
The TAS5711 is an I2S slave-only device receiving all
clocks from external sources. The TAS5711 operates
with a PWM carrier between 384-kHz switching rate
and 352-KHz switching rate depending on the input
sample rate. Oversampling combined with a
fourth-order noise shaper provides a flat noise floor
and excellent dynamic range from 20 Hz to 20 kHz.




Similar Part No. - TAS5711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711 TI1-TAS5711 Datasheet
2Mb / 67P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711PHP TI-TAS5711PHP Datasheet
1Mb / 64P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711PHPR TI-TAS5711PHPR Datasheet
1Mb / 64P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711 TI1-TAS5711_14 Datasheet
2Mb / 67P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
More results


Similar Description - TAS5711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5711 TI1-TAS5711_14 Datasheet
2Mb / 67P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com