Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet (PDF) - Texas Instruments

TAS5713 Datasheet PDF - Texas Instruments
Part # TAS5713
Download  TAS5713 Download
File Size   2268.44 Kbytes
Page   72 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC

TAS5713 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5713 Datasheet PDF - Texas Instruments

Part # TAS5713
Download  TAS5713 Click to download

File Size   2268.44 Kbytes
Page   72 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC

TAS5713 Datasheet (HTML) - Texas Instruments


TAS5713 Product details

1FEATURES
• Audio Input/Output
– 25-W Into an 8-Ω Load From a 20-V Supply
– Wide PVDD Range, From 8 V to 26 V
– Supports BTL Configuration With 4-Ω Load
– Efficient Class-D Operation Eliminates
Need for Heatsinks
– One Serial Audio Input (Two Audio
Channels)
– I2C Address Selection Pin (Chip Select)
– Single Output Filter PBTL Support
– Supports 8-kHz to 48-kHz Sample Rate
(LJ/RJ/I2S)
• Audio/PWM Processing
– Independent Channel Volume Controls With
Gain of 24 dB to Mute
– Programmable Two-Band Dynamic-Range
Control
– 22 Programmable Biquads for Speaker EQ
and Other Audio-Processing Features
– Programmable Coefficients for DRC Filters
– DC Blocking Filters
• General Features
– I2C Serial Control Interface Operational
Without MCLK
– Requires Only 3.3 V and PVDD
– No External Oscillator: Internal Oscillator
for Automatic Rate Detection
– Surface-Mount, 48-Pin, 7-mm × 7-mm
HTQFP Package
– Thermal and Short-Circuit Protection
– 106-dB SNR, A-Weighted
. AD and BD PWM-Mode Support
. Up to 90% Efficient
. Benefits
. EQ: Speaker Equalization Improves Audio
Performance
. DRC: Dynamic Range Compression. Can
Be Used As Power Limiter. Enables
Speaker Protection, Easy Listening,
Night-Mode Listening
. Autobank Switching: Preload Coefficients
for Different Sample Rates. No Need to
Write New Coefficients to the Part When
Sample Rate Changes
. Autodetect: Automatically Detects
Sample-Rate Changes. No Need for
External Microprocessor Intervention

DESCRIPTION
The TAS5713 is a 25-W, efficient, digital-audio power
amplifier for driving stereo bridge-tied speakers. One
serial data input allows processing of up to two
discrete audio channels and seamless integration to
most digital audio processors and MPEG decoders.
The device accepts a wide range of input data and
data rates. A fully programmable data path routes
these channels to the internal speaker drivers.
The TAS5713 is a slave-only device receiving all
clocks from external sources. The TAS5713 operates
with a PWM carrier between a 384-kHz switching rate
and a 352-KHz switching rate, depending on the input
sample rate. Oversampling combined with a
fourth-order noise shaper provides a flat noise floor
and excellent dynamic range from 20 Hz to 20 kHz..




Similar Part No. - TAS5713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 65P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713PHP TI-TAS5713PHP Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713PHPR TI-TAS5713PHPR Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Similar Description - TAS5713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI1-TAS5715_14 Datasheet
3Mb / 75P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com