Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB3R2 Datasheet (PDF) - Texas Instruments

TB3R2 Datasheet PDF - Texas Instruments
Part # TB3R2
Download  TB3R2 Download
File Size   318.0 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL PECL RECEIVERS

TB3R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TB3R2 Datasheet PDF - Texas Instruments

Part # TB3R2
Download  TB3R2 Click to download

File Size   318.0 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL PECL RECEIVERS

TB3R2 Datasheet (HTML) - Texas Instruments


TB3R2 Product details

1FEATURES
. Low-Voltage Functional Replacements for the
Agere BRF1A, BRF2A, BRS2A, and BRS2B
. Pin-Equivalent to General Trade 26LS32
Devices
. High-Input Impedance Approximately 8 kΩ
. 3.5-ns Maximum Propagation Delay
. TB3R1 Provides 50-mV Hysteresis
. TB3R2 With -125-mV Threshold Offset for
Preferred State Output
. -0.5-V to 5.2-V Common Mode Range
. Single 3.3 V ±10% Supply
. Slew Rate Limited (0.5 ns min 80% to 20%)
. TB3R2 Output Defaults to Logic 1 When Inputs
Left Open or Shorted to VCC or GND
. ESD Protection HBM > 3 kV, CDM > 2 kV
. Operating Temperature Range: -40°C to 85°C
. Available SOIC (D) Package

APPLICATIONS
. Digital Data or Clock Transmission Over
Balanced Lines

DESCRIPTION
These quad differential receivers accept digital data
over balanced transmission lines. They translate
differential input logic levels to TTL output logic
levels.
The TB3R1 is a pin- and function-compatible
replacement for the Agere Systems BRF1A and
BRF2A; it includes 3-kV HBM and 2-kV CDM ESD
protection.
The TB3R2 is a pin- and function-compatible
replacement for the Agere Systems BRS2A and
BRS2B and incorporates a -125-mV receiver input
offset, preferred state output, 3-kV HBM and 2-kV
CDM ESD protection. The TB3R2 preferred state
feature places the output in the high state when the
inputs are open, shorted to ground, or shorted to the
power supply.
The power-down loading characteristics of the
receiver input circuit are approximately 8 kΩ relative to the power supplies; hence they do not load the
transmission line when the circuit is powered down.
The package for these differential line receivers is the
16-pin SOIC (D) package.
The enable inputs of this device include internal
pullup resistors of approximately 40 kΩ that are
connected to VCC to ensure a logical high level input
if the inputs are open circuited.




Similar Part No. - TB3R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R2 TI-TB3R2 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2 TI-TB3R2 Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2 TI1-TB3R2 Datasheet
789Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2 TI2-TB3R2 Datasheet
317Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
REVISED JANUARY 2008
TB3R2D TI-TB3R2D Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
More results


Similar Description - TB3R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
Quad Differential Receivers
logo
Texas Instruments
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Texas Instruments
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com