Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6408A Datasheet (PDF) - Texas Instruments

TCA6408A Datasheet PDF - Texas Instruments
Part # TCA6408A
Download  TCA6408A Download
File Size   2035.55 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA6408A Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output, Reset, and Configuration Registers

TCA6408A Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA6408A Datasheet PDF - Texas Instruments

Part # TCA6408A
Download  TCA6408A Click to download

File Size   2035.55 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA6408A Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output, Reset, and Configuration Registers

TCA6408A Datasheet (HTML) - Texas Instruments


TCA6408A Product details

1 Features
. I2C to Parallel port expander
. Operating power-supply voltage range of 1.65 V to
5.5 V
. Allows bidirectional voltage-level translation and
gpio expansion between 1.8-V, 2.5-V, 3.3-V, and
5-V I2C bus and P-ports
. Low standby current consumption of 1 μA
. 5-V Tolerant I/O ports
. 400-kHz Fast I2C bus
. Hardware address pin allows two TCA6408A
Devices on the same I2C/SMBus bus
. Active-low reset ( RESET) input
. Open-drain active-low interrupt ( INT) output
. Input and output configuration register
. Polarity inversion register
. Internal power-on reset
. Power up with all channels configured as inputs
. No glitch on power up
. Noise filter on SCL and SDA inputs
. Latched outputs with high-current drive maximum
capability for directly driving LEDs
. Latch-up performance exceeds 100 mA Per JESD
78, class II
. Schmitt-trigger action allows slow input transition
and better switching noise immunity at the SCL
and SDA inputs
. ESD Protection exceeds JESD 22
. 2000-V Human body model (A114-A)
. 1000-V Charged-device model (C101)

2 Applications
. Servers
. Routers (telecom switching equipment)
. Personal computers
. Personal electronics (gaming consoles)
. Industrial automation
. Products with GPIO-limited processors

3 Description
The TCA6408A is a 16-pin device that provides 8-
bits of general purpose parallel input/output (I/O)
expansion for the two-line bidirectional I2C bus (or
SMBus) protocol. This device can operate with a
power supply voltage ranging from 1.65 V to 5.5 V
on both the I2C bus side (VCCI) and on the P-port side
(VCCP). This allows the TCA6408A to interface with
next-generation microprocessors and microcontrollers
on the SDA/SCL side, where supply levels are
dropping down to conserve power. In contrast to
the dropping power supplies of microprocessors and
microcontrollers, some PCB components such as
LEDs remain at a 5-V power supply.
The device supports both 100-kHz (Standard-mode)
and 400-kHz (Fast-mode) clock frequencies. I/O
expanders such as the TCA6408A provide a simple
solution when additional I/Os are needed for switches,
sensors, push-buttons, LEDs, fans, and so forth.




Similar Part No. - TCA6408A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
1Mb / 40P
Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA6408APWR TI1-TCA6408APWR Datasheet
932Kb / 35P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408AQPWRQ1 TI1-TCA6408AQPWRQ1 Datasheet
1Mb / 40P
Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
More results


Similar Description - TCA6408A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424 Datasheet
728Kb / 29P
LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com