Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA6416APWR Datasheet (PDF) - Texas Instruments

TCA6416APWR Datasheet PDF - Texas Instruments
Part # TCA6416APWR
Download  TCA6416APWR Download
File Size   1973.3 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA6416A Low-Voltage 16-Bit I2C and SMBus I/O Expander With Voltage Translation, Interrupt Output, Reset Input, and Configuration Registers

TCA6416APWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA6416APWR Datasheet PDF - Texas Instruments

Part # TCA6416APWR
Download  TCA6416APWR Click to download

File Size   1973.3 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA6416A Low-Voltage 16-Bit I2C and SMBus I/O Expander With Voltage Translation, Interrupt Output, Reset Input, and Configuration Registers

TCA6416APWR Datasheet (HTML) - Texas Instruments


TCA6416APWR Product details

1 Features
• I2C to parallel port expander
• Operating power-supply voltage range of 1.65 V to
5.5 V
• Allows bidirectional voltage-level translation and
GPIO expansion between 1.8-V, 2.5-V, 3.3-V, and
5-V I2C Bus and P-ports
• Low standby current consumption of 3 μA
• 5-V Tolerant I/O ports
• 400-kHz Fast I2C bus
• Hardware address pin allows two TCA6416A
devices on the same I2C/SMBus bus
• Active-low reset input ( RESET)
• Open-drain active-low interrupt output ( INT)
• Input/output configuration register
• Polarity inversion register
• Internal power-on reset
• Power-up with all channels configured as inputs
• No glitch on power up
• Noise filter on SCL and SDA inputs
• Latched outputs with high-current drive maximum
capability for directly driving LEDs
• Latch-up performance exceeds 100 mA Per JESD
78, class II
• ESD Protection exceeds JESD 22
– 2000-V Human-body model (A114-A)
– 200-V Machine model (A115-A)
– 1000-V Charged-device model (C101)

2 Applications
. Servers
. Routers (telecom switching equipment)
. Personal computers
. Personal electronics (for example, gaming
consoles)
. Industrial automation
. Products with GPIO-limited processors

3 Description
The TCA6416A is a 24-pin device that provides 16-
bits of general purpose parallel input/output (I/O)
expansion for the two-line bidirectional I2C bus (or
SMBus) protocol. The device can operate with a
power supply voltage ranging from 1.65 V to 5.5 V on
the I2C bus side (VCCI) and a power supply voltage
ranging from 1.65 V to 5.5 V on the P-port side
(VCCP).
The device supports both 100-kHz (Standard-mode)
and 400-kHz (Fast-mode) clock frequencies. I/O
expanders such as the TCA6416A provide a simple
solution when additional I/Os are needed for switches,
sensors, push-buttons, LEDs, fans, and so forth.




Similar Part No. - TCA6416APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416APWR TI-TCA6416APWR Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416APWR TI-TCA6416APWR Datasheet
909Kb / 34P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Similar Description - TCA6416APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424 Datasheet
728Kb / 29P
LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com