Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA8418 Datasheet (PDF) - Texas Instruments

TCA8418 Datasheet PDF - Texas Instruments
Part # TCA8418
Download  TCA8418 Download
File Size   1517.41 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA8418 I2C Controlled Keypad Scan IC With Integrated ESD Protection

TCA8418 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA8418 Datasheet PDF - Texas Instruments

Part # TCA8418
Download  TCA8418 Click to download

File Size   1517.41 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA8418 I2C Controlled Keypad Scan IC With Integrated ESD Protection

TCA8418 Datasheet (HTML) - Texas Instruments


TCA8418 Product details

1 Features
1. Operating Power-Supply Voltage Range of 1.65-V
to 3.6-V
. Supports 80 Buttons With Use of 18 GPIOs
. Supports QWERTY Keypad Operation Plus GPIO
Expansion
. Low Standby (Idle) Current Consumption: 3 μA
. Supports 1-MHz Fast Mode Plus I2C Bus
. 10 Byte FIFO to Store 10 Key Presses and
Releases
. Open-Drain Active-Low Interrupt Output
. Integrated Debounce Time of 50 μs
. Schmitt-Trigger Action Allows Slow Input
Transition and Better Switching Noise Immunity at
the SCL and SDA Inputs: Typical Vhys at 1.8 V is
0.18 V
. Latch-Up Performance Exceeds 200 mA Per
JESD 78, Class II
. ESD Protection Exceeds JESD 22 on all 18 GPIO
Pins and non GPIO pins
. 2000-V Human Body Model (A114-A)
. 1000-V Charged Device Model (C101)

2 Applications
. Smart Phones
. Tablets
. HMI Panels
. GPS Devices
. MP3 Players
. Digital Cameras

3 Description
The TCA8418 is a keypad scan device with
integrated ESD protection. It can operate from 1.65 V
to 3.6 V and has 18 general purpose inputs/outputs
GPIO) that can be used to support up to 80 keys via
the I2C interface.
The key controller debounces inputs and maintains a
10 byte FIFO of key-press and release events which
can store up to 10 keys with overflow wrap capability.
An interrupt (INT) output can be configured to alert
key presses and releases either as they occur, or at
maximum rate.




Similar Part No. - TCA8418

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8418 TI-TCA8418 Datasheet
853Kb / 37P
I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI2-TCA8418E Datasheet
789Kb / 51P
TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
REVISED OCTOBER 2015
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 54P
I2C Controlled Keypad Scan IC
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 50P
I2C Controlled Keypad Scan IC With Integrated ESD Protection
More results


Similar Description - TCA8418

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2441FC ONSEMI-NUF2441FC Datasheet
51Kb / 4P
Integrated Passive Filter with ESD Protection
May, 2005 ??Rev. 4
NUC2401MN ONSEMI-NUC2401MN Datasheet
175Kb / 4P
Integrated Common Mode Choke with Integrated ESD Protection
May, 2009 ??Rev. 1
logo
Texas Instruments
TCA8418 TI-TCA8418 Datasheet
853Kb / 37P
I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
logo
Integrated Device Techn...
LDS6020 IDT-LDS6020 Datasheet
346Kb / 2P
PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6023 IDT-LDS6023 Datasheet
344Kb / 2P
PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6025 IDT-LDS6025 Datasheet
346Kb / 2P
PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6028 IDT-LDS6028 Datasheet
348Kb / 2P
PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418 TI1-TCA8418_15 Datasheet
1Mb / 54P
I2C Controlled Keypad Scan IC
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
I2C Controlled Keypad Scan IC With Integrated ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com