Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA9517 Datasheet (PDF) - Texas Instruments

TCA9517 Datasheet PDF - Texas Instruments
Part # TCA9517
Download  TCA9517 Download
File Size   671.51 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9517 Level-Shifting I2C Bus Repeater

TCA9517 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9517 Datasheet PDF - Texas Instruments

Part # TCA9517
Download  TCA9517 Click to download

File Size   671.51 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9517 Level-Shifting I2C Bus Repeater

TCA9517 Datasheet (HTML) - Texas Instruments


TCA9517 Product details

1 Features
1. Two-Channel Bidirectional Buffer
. I2C Bus and SMBus Compatible
. Operating Supply Voltage Range of 0.9 V to 5.5 V
on A-side
. Operating Supply Voltage Range of 2.7 V to 5.5 V
on B-side
. Voltage-Level Translation From 0.9 V - 5.5 V to
2.7 V - 5.5 V
. Footprint and Functional Replacement for
PCA9515B
. Active-High Repeater-Enable Input
. Open-Drain I2C I/O
. 5.5-V Tolerant I2C and Enable Input Support
Mixed-Mode Signal Operation
. Accommodates Standard Mode and Fast Mode
I2C Devices and Multiple Masters
. High-Impedance I2C Pins When Powered-Off
. Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
. ESD Protection Exceeds JESD 22
. 5500 V Human-Body Model (A114-A)
. 200 V Machine Model (A115-A)
. 1000 V Charged-Device Model (C101)

2 Applications
• Servers
• Routers (Telecom Switching Equipment)
• Industrial Equipment
• Products with Many I2C Slaves and/or Long PCB
Traces

3 Description
The TCA9517 is a bidirectional buffer with level
shifting capabilities for I2C and SMBus systems. It
provides bidirectional voltage-level translation (uptranslation/
down-translation) between low voltages
(down to 0.9 V) and higher voltages (2.7 V to 5.5 V)
in mixed-mode applications. This device enables I2C
and SMBus systems to be extended without
degradation of performance, even during level
shifting.
The TCA9517 buffers both the serial data (SDA) and
the serial clock (SCL) signals on the I2C bus, thus
allowing two buses of up to 400-pF bus capacitance
to be connected in an I2C application.
The TCA9517 has two types of drivers: A-side drivers
and B-side drivers. All inputs and I/Os are overvoltage
tolerant to 5.5 V, even when the device is
unpowered (VCCB and/or VCCA = 0 V).




Similar Part No. - TCA9517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI2-TCA9517 Datasheet
670Kb / 28P
TCA9517 Level-Shifting I2C Bus Repeater
REVISED JULY 2017
TCA9517 TI2-TCA9517 Datasheet
923Kb / 27P
TCA9517A Level-Shifting I2C Bus Repeater
REVISED SEPTEMBER 2024
TCA9517-Q1 TI1-TCA9517-Q1 Datasheet
346Kb / 22P
Level-Shifting I2C Bus Repeater
TCA9517-Q1 TI2-TCA9517-Q1 Datasheet
670Kb / 28P
TCA9517 Level-Shifting I2C Bus Repeater
REVISED JULY 2017
More results


Similar Description - TCA9517

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
Level translating I2C-bus repeater
Rev. 4-9 May 2012
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
Texas Instruments
TCA9517-Q1 TI1-TCA9517-Q1 Datasheet
346Kb / 22P
Level-Shifting I2C Bus Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com