Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA9535 Datasheet (PDF) - Texas Instruments

TCA9535 Datasheet PDF - Texas Instruments
Part # TCA9535
Download  TCA9535 Download
File Size   3493.58 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9535 Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers

TCA9535 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9535 Datasheet PDF - Texas Instruments

Part # TCA9535
Download  TCA9535 Click to download

File Size   3493.58 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9535 Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers

TCA9535 Datasheet (HTML) - Texas Instruments


TCA9535 Product details

1 Features
. I2C to Parallel port expander
. Wide power supply voltage range of 1.65 V to
5 V
. Low standby-current consumption
. Open-drain active-low interrupt output
. 5-V tolerant I/O ports
. 400-kHz Fast I2C bus
. Polarity inversion register
. Address by three hardware address pins for use of
up to eight devices
. Latched outputs with high-current drive capability
for directly driving LEDs
. Latch-up performance exceeds 100 mA per
JESD 78, class II
. ESD protection exceeds JESD 22
. 2000-V Human-Body Model (A114-A)
. 1000-V Charged-Device Model (C101)

2 Applications
. Servers
. Routers (telecom switching equipment)
. Personal computers
. Personal electronics (for example, gaming
consoles)
. Industrial automation
. Products with GPIO-limited processors

3 Description
The TCA9535 is a 24-pin device that provides 16
bits of general purpose parallel input and output (I/O)
expansion for the two-line bidirectional I2C bus or
(SMBus) protocol. The device can operate with a
power supply voltage ranging from 1.65 V to 5.5 V.
The TCA9535 consists of two 8-bit Configuration
(input or output selection), Input Port, Output Port,
and Polarity Inversion (active-high or active-low
operation) registers. At power on, the I/Os are
configured as inputs. The system controller can
enable the I/Os as either inputs or outputs by writing
to the I/O configuration bits.
The TCA9535 is identical to the TCA9555, except that
the TCA9535 does not include the internal I/O pull-up
resistor, which requires pull-ups and pull-downs on
unused I/O pins when configured as an input and
undriven.




Similar Part No. - TCA9535

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI1-TCA9535 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI1-TCA9535 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9535DBR TI1-TCA9535DBR Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9535DBR TI1-TCA9535DBR Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results


Similar Description - TCA9535

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9535 TI-TCA9535 Datasheet
780Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9535 TI1-TCA9535_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9535 TI1-TCA9535_17 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com