Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA9538DBRG4 Datasheet (PDF) - Texas Instruments

TCA9538DBRG4 Datasheet PDF - Texas Instruments
Part # TCA9538DBRG4
Download  TCA9538DBRG4 Download
File Size   797.55 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9538 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset, and Configuration Registers

TCA9538DBRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9538DBRG4 Datasheet PDF - Texas Instruments

Part # TCA9538DBRG4
Download  TCA9538DBRG4 Click to download

File Size   797.55 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9538 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset, and Configuration Registers

TCA9538DBRG4 Datasheet (HTML) - Texas Instruments


TCA9538DBRG4 Product details

1 Features
1. Low Standby Current Consumption
. I2C to Parallel Port Expander
. Open-Drain Active-Low Interrupt Output
. Active-Low Reset Input
. Operating Power-Supply Voltage Range of 1.65 V
to 5.5 V
. 5-V Tolerant I/O Ports
. 400-kHz Fast I2C Bus
. Two Hardware Address Pins Allow up to Four
Devices on the I2C/SMBus
. Input and Output Configuration Register
. Polarity Inversion Register
. Power-Up With All Channels Configured as Inputs
. No Glitch on Power Up
. Noise Filter on SCL/SDA Inputs
. Latched Outputs With High-Current Drive
Maximum Capability for Directly Driving LEDs
. Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
. ESD Protection Exceeds JESD 22
. 2000-V Human-Body Model (A114-A)
. 1000-V Charged-Device Model (C101)

2 Applications
• Servers
• Routers (Telecom Switching Equipment)
• Personal Computers
• Personal Electronics (example: Gaming Consoles)
• Industrial Automation
• Products With GPIO-Limited Processors

3 Description
The TCA9538 is a 16-pin device that provides 8 bits
of general purpose parallel input and output (I/O)
expansion for the two-line bidirectional I2C bus (or
SMBus) protocol. The device can operate with a
power supply voltage ranging from 1.65 V to 5.5 V.
The device supports both 100-kHz (Standard-mode)
and 400-kHz (Fast-mode) clock frequencies. I/O
expanders such as the TCA9538 provide a simple
solution when additional I/Os are needed for
switches, sensors, push-buttons, LEDs, fans, etc.
The features of the TCA9538 include an interrupt that
is generated on the INT pin whenever an input port
changes state. The A0 and A1 hardware selectable
address pins allow up to four TCA9538 devices on
the same I2C bus. The device can also be reset to its
default sate by using the RESET feature or by cycling
the power supply and causing a power-on reset.




Similar Part No. - TCA9538DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9538DBRG4.A TI2-TCA9538DBRG4.A Datasheet
793Kb / 40P
TCA9538 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset, and Configuration Registers
REVISED OCTOBER 2016
TCA9538DBRG4.B TI2-TCA9538DBRG4.B Datasheet
793Kb / 40P
TCA9538 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset, and Configuration Registers
REVISED OCTOBER 2016
More results


Similar Description - TCA9538DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com