Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC7200PW Datasheet (PDF) - Texas Instruments

TDC7200PW Datasheet PDF - Texas Instruments
Part # TDC7200PW
Download  TDC7200PW Download
File Size   1155.66 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Magnetostrictive and Flow Meters

TDC7200PW Datasheet (PDF)

Go To PDF Page Download Datasheet
TDC7200PW Datasheet PDF - Texas Instruments

Part # TDC7200PW
Download  TDC7200PW Click to download

File Size   1155.66 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Magnetostrictive and Flow Meters

TDC7200PW Datasheet (HTML) - Texas Instruments


TDC7200PW Product details

1 Features
1. Resolution: 55 ps
. Standard Deviation: 35 ps
. Measurement Range:
. Mode 1: 12 ns to 500 ns
. Mode 2: 250 ns to 8 ms
. Low Power Consumption: 0.5 μA (2 SPS)
. Supports up to 5 STOP Signals
. Autonomous Multi-Cycle Averaging Mode for Low
Power Consumption
. Supply Voltage: 2 V to 3.6 V
. Operating Temperature .40°C to 85°C
. SPI Host Interface for Configuration and Register
Access

2 Applications
• Flow Meter: Water Meter, Gas Meter, Heat Meter
• Magnetostrictive Position/Level Sensing
• Time-of-Flight in Drones (LIDAR, SONAR),
metering equipment and projectors
• Heat Cost Allocators

3 Description
The TDC7200 is a Time-to-Digital Converter (TDC)
for ultrasonic sensing measurements such as water
flow meter, gas flow meter, and heat flow meter.
When paired with the TDC1000 (ultrasonic analogfront-
end), the TDC7200 can be a part of a complete
TI ultrasonic sensing solution that includes the
MSP430, power, wireless, and source code.
The Time to Digital Converter (TDC) performs the
function of a stopwatch and measures the elapsed
time (time-of-flight or TOF) between a START pulse
and up to five STOP pulses. The ability to measure
from START to multiple STOPs gives users the
flexibility to select which STOP pulse yields the best
echo performance.
The device has an internal self-calibrated time base
which compensates for drift over time and
temperature. Self-calibration enables time-to-digital
conversion accuracy in the order of picoseconds. This
accuracy makes the TDC7200 ideal for flow meter
applications, where zero and low flow measurements
require high accuracy.
When placed in the Autonomous Multi-Cycle
Averaging Mode, the TDC7200 can be optimized for
low system power consumption, making it ideal for
battery powered flow meters. In this mode, the host
can go to sleep to save power, and it can wake up
when interrupted by the TDC upon completion of the
measurement sequence.




Similar Part No. - TDC7200PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC7200PW TI1-TDC7200PW Datasheet
1Mb / 50P
Time-to-Digital Converter
TDC7200PWR TI1-TDC7200PWR Datasheet
1Mb / 50P
Time-to-Digital Converter
More results


Similar Description - TDC7200PW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
Digital Process Meter for Time-of-Flight Sensors
logo
Texas Instruments
OPT9221 TI-OPT9221_15 Datasheet
1Mb / 104P
OPT9221 Time-of-Flight Controller
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
TDC7201 TI1-TDC7201 Datasheet
2Mb / 50P
TDC7201 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Range Finders, and ADAS
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
Time-of-Flight Companion Chip
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com