Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THP210 Datasheet (PDF) - Texas Instruments

THP210 Datasheet PDF - Texas Instruments
Part # THP210
Download  THP210 Download
File Size   2843.54 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier

THP210 Datasheet (PDF)

Go To PDF Page Download Datasheet
THP210 Datasheet PDF - Texas Instruments

Part # THP210
Download  THP210 Click to download

File Size   2843.54 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier

THP210 Datasheet (HTML) - Texas Instruments


THP210 Product details

1 Features
. Input offset voltage: ±40 μV (maximum)
. Input offset voltage drift: 0.35 μV/°C (maximum)
. Low supply current: 950 μA at ±18 V
. Low input bias current: 2 nA (maximum)
. Low input bias current drift: 15 pA/°C (maximum)
. Gain-bandwidth product: 9.2 MHz
. Differential output slew rate: 15 V/μs
. Low input voltage noise: 3.7 nV/√ Hz at 1 kHz
. Low THD + N: .120 dB at 10 kHz
. Wide input and output common-mode range
. Wide single-supply operating range: 3 V to 36 V
. Low supply current power-down feature: < 20 μA
. Overload power limit
. Current limit
. Package: 8-pin VSSOP, 8-pin SOIC
. Temperature range: .40°C to +125°C

2 Applications
. Data acquisition (DAQ)
. Analog input module
. Substation automation
. Semiconductor test
. Lab and field instrumentation

3 Description
The THP210 is an ultra-low-offset, low-noise, highvoltage,
precision, fully differential amplifier that easily
filters and drives fully differential signal chains. The
THP210 is also used to convert single-ended sources
to differential outputs as required by high-resolution
analog-to-digital converters (ADCs). Designed for
exceptional offset, low noise and THD, the bipolar
super-beta inputs yield a very-low noise figure at
very-low quiescent current and input bias current.
This device is designed for signal conditioning circuits
where low power offset and power consumption are
required, along with excellent signal-to-noise ratio
(SNR).
The THP210 features high-voltage supply capability,
allowing for supply voltages up to ±18 V. This
capability allows high-voltage differential signal chains
to benefit from the improved headroom and dynamic
range without adding separate amplifiers for each
polarity of the differential signal. Very-low voltage and
current noise enables the THP210 for use in highgain
configurations with minimal impact to the signal
fidelity.




Similar Part No. - THP210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THP210 TI1-THP210 Datasheet
617Kb / 20P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210 Datasheet
1Mb / 40P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210 Datasheet
2Mb / 41P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210DGKR TI1-THP210DGKR Datasheet
617Kb / 20P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210DGKR TI1-THP210DGKR Datasheet
1Mb / 40P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
More results


Similar Description - THP210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513 TI-THS4513 Datasheet
3Mb / 34P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
THS4552 TI1-THS4552 Datasheet
2Mb / 71P
Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
THP210 TI1-THP210 Datasheet
617Kb / 20P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210_V02 Datasheet
2Mb / 41P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com