Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4531 Datasheet (PDF) - Texas Instruments

THS4531 Datasheet PDF - Texas Instruments
Part # THS4531
Download  THS4531 Download
File Size   1780.66 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier

THS4531 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4531 Datasheet PDF - Texas Instruments

Part # THS4531
Download  THS4531 Click to download

File Size   1780.66 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier

THS4531 Datasheet (HTML) - Texas Instruments


THS4531 Product details

1 Features
1. Ultra Low Power:
. Voltage: 2.5 V to 5.5 V
. Current: 250 μA
. Power-Down Mode: 0.5 μA (typical)
. Fully-Differential Architecture
. Bandwidth: 36 MHz
. Slew Rate: 200 V/μs
. THD: .120 dBc at 1 kHz (1 VRMS, RL= 2 kΩ)
. Input Voltage Noise: 10 nV/√Hz (f = 1 kHz)
. High DC Accuracy:
. VOS Drift: ±4 μV/˚C (.40°C to +125°C)
. AOL: 114 dB
. Rail-to-Rail Output (RRO)
. Negative Rail Input (NRI)
. Output Common-Mode Control

2 Applications
• Low-Power SAR, ΔΣ ADC Driver
• Low Power, High Performance:
– Differential to Differential Amplifier
– Single-Ended to Differential Amplifier
• Low-Power, Wide-Bandwidth Differential Driver
• Low-Power, Wide-Bandwidth Differential Signal
Conditioning
• High Channel Count and Power Dense Systems

3 Description
The THS4531 is a low-power, fully-differential op amp
with input common-mode range below the negative
rail and rail-to-rail output. The device is designed for
low-power data acquisition systems and high density
applications where power consumption and
dissipation is critical.
The device features accurate output common-mode
control that allows for dc coupling when driving
analog-to-digital converters (ADCs). This control,
coupled with the input common-mode range below
the negative rail and rail-to-rail output, allows for easy
interface from single-ended ground-referenced signal
sources to successive-approximation registers
(SARs), and delta-sigma (ΔΣ) ADCs using only
single-supply 2.5 V to 5 V power. The THS4531 is
also a valuable tool for general-purpose, low-power
differential signal conditioning applications.
The THS4531 is characterized for operation over the
extended industrial temperature range from –40°C to
+125°C. The following package options are available:




Similar Part No. - THS4531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531 TI1-THS4531 Datasheet
1Mb / 56P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI2-THS4531 Datasheet
2Mb / 71P
THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
REVISED JUNE 2015
THS4531A TI-THS4531A Datasheet
1Mb / 50P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Similar Description - THS4531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI-THS4531A Datasheet
1Mb / 50P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A_16 Datasheet
1Mb / 59P
Ultra Low-Power, Rail-to-Rail Output, Fully Differential Amplifier
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com