Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4541 Datasheet (PDF) - Texas Instruments

THS4541 Datasheet PDF - Texas Instruments
Part # THS4541
Download  THS4541 Download
File Size   2697.03 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier

THS4541 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4541 Datasheet PDF - Texas Instruments

Part # THS4541
Download  THS4541 Click to download

File Size   2697.03 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier

THS4541 Datasheet (HTML) - Texas Instruments


THS4541 Product details

1 Features
. Fully differential amplifier (FDA) architecture
. Bandwidth: 500MHz (G = 2V/V)
. Gain bandwidth product: 850MHz
. Slew rate: 1500V/μs
. HD2: .95dBc at 10MHz (2VPP, RL = 500Ω)
. HD3: .90dBc at 10MHz (2VPP, RL = 500Ω)
. Input voltage noise: 2.2nV/√Hz (f > 100kHz)
. Low offset drift: ±0.5μV/°C (typical)
. Negative rail input (NRI)
. Rail-to-rail output (RRO)
. Robust operation for Rload ≥ 50Ω
. Output common-mode control
. Power supply:
. Single-supply voltage range: 2.7V to 5.4V
. Split-supply voltage range: ±1.35V to ±2.7V
. Quiescent current: 10.1mA (5V supply)
. Power-down capability: 2μA (typical)

2 Applications
• Low-power, high-performance ADC driver:
– SAR, ΔΣ, and pipeline
• Low power, high performance (dc or ac coupled):
– Single-ended to differential amplifier
– Differential to differential amplifier
• Differential active filters
• Differential transimpedance for DAC outputs
• DC- or ac-coupled interface to the ADC3xxx
Family of low-power, high-performance ADCs
• Pin-compatible to ADA4932-1 (VQFN-16)

3 Description
The THS4541 is a low-power, voltage-feedback, fully
differential amplifier (FDA) with an input commonmode
range below the negative rail, and rail-to-rail
output. The THS4541 is designed for low-power data
acquisition systems where high density is critical in a
high-performance analog-to-digital converter (ADC) or
digital-to-analog converter (DAC) interface design.
The THS4541 features the negative-rail input required
when interfacing a dc-coupled, ground-centered,
source signal. This negative-rail input, with rail-torail
output, allows for easy interface between singleended,
ground-referenced, bipolar signal sources and
a wide variety of successive approximation register
(SAR), delta-sigma (ΔΣ), or pipeline ADCs using only
a single 2.7V to 5.4V power supply.
The THS4541 is characterized for operation over
the wide temperature range of .40°C to +125°C
and is available in 16-pin VQFN and 10-pin WQFN
packages.




Similar Part No. - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 64P
THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541 Datasheet
3Mb / 51P
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4541 TI2-THS4541 Datasheet
2Mb / 71P
THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
REVISED JUNE 2015
More results


Similar Description - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521-HT TI1-THS4521-HT Datasheet
758Kb / 28P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-Q1 TI1-THS4541-Q1_V01 Datasheet
2Mb / 64P
THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com