Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS300T48-5 Datasheet (PDF) - STMicroelectronics

GS300T48-5 Datasheet PDF - STMicroelectronics
Part # GS300T48-5
Download  GS300T48-5 Download
File Size   75.09 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300W DC-DC CONVERTER

GS300T48-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS300T48-5 Datasheet PDF - STMicroelectronics

Part # GS300T48-5
Download  GS300T48-5 Click to download

File Size   75.09 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300W DC-DC CONVERTER

GS300T48-5 Datasheet (HTML) - STMicroelectronics


GS300T48-5 Product details

DESCRIPTION
The GS300T48-5 is a 300W DC-DC converters used to generate a 5.075V isolated output with a current of 60A from a wide range input voltage (38 to 60V).

FEATURES
■ Very high output power (300W)
■ High efficiency (80% min.)
■ Parallel operation with current sharing
■ Synchronization pin
■ Remote ON/OFF
■ Remote load voltage sense compensation
■ Output short-circuit protection
■ Output overvoltage protection
■ Thermal protection
■ Undervoltage lock-out
■ Minimal overshoot during load transients
■ 500 VDC input to output isolation
■ Internal input and output filtering
■ Softstart
■ PCB or chassis mountable




Similar Part No. - GS300T48-5

ManufacturerPart #DatasheetDescription
logo
Hugo Mueller GmbH & Co....
GS3000MOD HUGO-MUELLER-GS3000MOD Datasheet
165Kb / 2P
0-10V / MODBUS SENSORS
logo
List of Unclassifed Man...
GS3001 ETC1-GS3001 Datasheet
83Kb / 5P
Preamp Hybrid for Class D
logo
MPS Industries, Inc.
GS300X MPSIND-GS300X Datasheet
149Kb / 2P
Single ratio (see schematic), thru-hole package
More results


Similar Description - GS300T48-5

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
Single output DC-DC converter 50W ~ 300W
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
300W 3Ux8HP DC/DC CompactPCI
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
210 - 300W DC/DC BUS CONVERTER MODULE
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
300W Railway Single Output DC-DC Converter
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
300W DC/DC Power Modules
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
300W DC-DC Converter
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
300W DC-DC Converter
FA12S15-300 WALL-FA12S15-300 Datasheet
637Kb / 14P
300W DC-DC Converter
FA12S24-300 WALL-FA12S24-300 Datasheet
324Kb / 14P
300W DC-DC Converter
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
300W DC/DC
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com