Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4551 Datasheet (PDF) - Texas Instruments

THS4551 Datasheet PDF - Texas Instruments
Part # THS4551
Download  THS4551 Download
File Size   3121.5 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier

THS4551 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4551 Datasheet PDF - Texas Instruments

Part # THS4551
Download  THS4551 Click to download

File Size   3121.5 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier

THS4551 Datasheet (HTML) - Texas Instruments


THS4551 Product details

1 Features
. Bandwidth: 60 MHz (G = 1 V/V)
. Slew Rate: 230 V/μs
. Gain Bandwidth Product: 68 MHz
. Voltage Noise:
. 1/f Voltage Noise Corner: 8 Hz
. Broadband Noise (≥ 500 Hz): 4 nV/√ Hz
. Input Offset: ±250 μV (Maximum)
. Drift: ±4 μV/°C (Maximum)
. Supply Operating Range: 2.85 V to 12.6 V
. Supply Current: 775 μA
. Negative Rail Input (NRI)
. Rail-to-Rail Output (RRO)
. Very Low Harmonic Distortion:
. HD2: .117 dBc at 2 VPP, 100 kHz
. HD3: .124 dBc at 2 VPP, 100 kHz
. 0.01% Settling (2-V Step): 90 ns

2 Applications
• 16-bit to 20-bit, Differential, SAR and ΔΣ Drivers
• Differential Active Filters
• High Output Swing PCM Audio DAC Outputs
• Medical Ultrasounds
• Battery Testers
• Power Analyzers
• Lower Power Alternate to the THS4551

3 Description
The THS4561 fully differential amplifier (FDA) offers a
simple interface from single-ended sources to the
differential output required by precision analog-todigital
converters (ADCs). Designed for a very low,
8-Hz, 1/f voltage noise corner and low, 130-dB total
harmonic distortion (THD) while consuming only a
775-μA quiescent current, the THS4561 is well suited
for power-sensitive data acquisition (DAQ) systems
where high performance is required with the best
signal-to-noise ratio (SNR) and spurious-free dynamic
range (SFDR) through the amplifier and ADC
combination.
The THS4561 features the required negative rail input
when interfacing a DC-coupled, ground-centered,
source signal to a single-supply, differential-input
ADC. Low DC error and drift terms support the
emerging high-speed and high-resolution successive
approximation register (SAR) and delta-sigma (ΔΣ)
ADC input requirements. A 2.85-V to 12.6-V supply
range with a flexible output common-mode setting
with low headroom to the supplies supports a wide
range of ADC input and digital-to-analog converter
(DAC) output requirements.
The THS4561 device is characterized for operation
from .40°C to +125°C.




Similar Part No. - THS4551

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
THS4551 TI-THS4551 Datasheet
3Mb / 51P
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4551 TI2-THS4551 Datasheet
1Mb / 58P
Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
REVISED APRIL 2020
THS4551IDGKR TI1-THS4551IDGKR Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
THS4551IDGKT TI1-THS4551IDGKT Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results


Similar Description - THS4551

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD817 AD-AD817_15 Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
Texas Instruments
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
850-MHz Fully Differential Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
Texas Instruments
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
Fully differential amplifier
logo
Texas Instruments
THS4561 TI1-THS4561 Datasheet
719Kb / 35P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI1-THS4561_17 Datasheet
719Kb / 35P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI1-THS4561_18 Datasheet
792Kb / 37P
Low-Power, High Supply Range, 70-MHz, Fully Differential Amplifier
THS4561 TI-THS4561_V01 Datasheet
3Mb / 53P
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4561 TI-THS4561_V02 Datasheet
3Mb / 51P
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com