Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL05X Datasheet (PDF) - Texas Instruments

TL05X Datasheet PDF - Texas Instruments
Part # TL05X
Download  TL05X Download
File Size   1552.31 Kbytes
Page   65 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS

TL05X Datasheet (PDF)

Go To PDF Page Download Datasheet
TL05X Datasheet PDF - Texas Instruments

Part # TL05X
Download  TL05X Click to download

File Size   1552.31 Kbytes
Page   65 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS

TL05X Datasheet (HTML) - Texas Instruments


TL05X Product details

Direct Upgrades to TL07x and TL08x BiFET
Operational Amplifiers
Faster Slew Rate (20 V/μs Typ) Without
Increased Power Consumption
On-Chip Offset-Voltage Trimming for
Improved DC Performance and Precision
Grades Are Available (1.5 mV, TL051A)

description/ordering information
The TL05x series of JFET-input operational amplifiers offers improved dc and ac characteristics over the TL07x
and TL08x families of BiFET operational amplifiers. On-chip Zener trimming of offset voltage yields precision
grades as low as 1.5 mV (TL051A) for greater accuracy in dc-coupled applications. Texas Instruments improved
BiFET process and optimized designs also yield improved bandwidth and slew rate without increased power
consumption. The TL05x devices are pin-compatible with the TL07x and TL08x and can be used to upgrade
existing circuits or for optimal performance in new designs.
BiFET operational amplifiers offer the inherently higher input impedance of the JFET-input transistors, without
sacrificing the output drive associated with bipolar amplifiers. This makes them better suited for interfacing with
high-impedance sensors or very low-level ac signals. They also feature inherently better ac response than
bipolar or CMOS devices having comparable power consumption.
The TL05x family was designed to offer higher precision and better ac response than the TL08x, with the low
noise floor of the TL07x. Designers requiring significantly faster ac response or ensured lower noise should
consider the Excalibur TLE208x and TLE207x families of BiFET operational amplifiers.
Because BiFET operational amplifiers are designed for use with dual power supplies, care must be taken to
observe common-mode input voltage limits and output swing when operating from a single supply. DC biasing
of the input signal is required, and loads should be terminated to a virtual-ground node at mid-supply. Texas
Instruments TLE2426 integrated virtual ground generator is useful when operating BiFET amplifiers from single
supplies.
The TL05x are fully specified at ±15 V and ±5 V. For operation in low-voltage and/or single-supply systems,
Texas Instruments LinCMOS families of operational amplifiers (TLC-prefix) are recommended. When moving
from BiFET to CMOS amplifiers, particular attention should be paid to the slew rate and bandwidth
requirements, and also the output loading.




Similar Part No. - TL05X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05X TI-TL05X Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
19-Mar-2008
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05x TI1-TL05x Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET
More results


Similar Description - TL05X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05XA TI-TL05XA Datasheet
1Mb / 63P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI-TL03X Datasheet
1Mb / 63P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05X TI-TL05X_07 Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI-TL03X_08 Datasheet
1Mb / 68P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
19-Mar-2008
logo
Texas Instruments
TL031 TI1-TL031 Datasheet
1Mb / 72P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI1-TL03X_15 Datasheet
2Mb / 74P
ENHANCED-JFET LOW-POWER LOW-OFFSET
TL05X TI1-TL05X_14 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com