Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C752C Datasheet (PDF) - Texas Instruments

TL16C752C Datasheet PDF - Texas Instruments
Part # TL16C752C
Download  TL16C752C Download
File Size   2041.33 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL16C752C Dual UART With 64-Byte FIFO

TL16C752C Datasheet (PDF)

Go To PDF Page Download Datasheet
TL16C752C Datasheet PDF - Texas Instruments

Part # TL16C752C
Download  TL16C752C Click to download

File Size   2041.33 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL16C752C Dual UART With 64-Byte FIFO

TL16C752C Datasheet (HTML) - Texas Instruments


TL16C752C Product details

1 Features
1. SC16C752B and XR16M752 Pin Compatible With
Additional Enhancements
. Support 1.8-V, 2.5-V, 3.3-V, or 5-V Supply
. Characterized for Operation from .40°C to 85°C
. Supports up to:
. 48-MHz Oscillator Input Clock (3 Mbps) for 5-V
Operation
. 32-MHz Oscillator Input Clock (2 Mbps) for
3.3-V Operation
. 24-MHz Input Clock (1.5 Mbps) for 2.5-V
Operation
. 16-MHz Input Clock (1 Mbps) for 1.8-V
Operation
. 64-Byte Transmit/Receive FIFO
. Software-Selectable Baud-Rate Generator
. Programmable and Selectable Transmit and
Receive FIFO Trigger Levels for DMA, Interrupt
Generation, and Software or Hardware Flow
Control
. Software/Hardware Flow Control
. Programmable Xon and Xoff Characters With
Optional Xon Any Character
. Programmable Auto-RTS and Auto-CTSModem
Control Functions (CTS, RTS, DSR,
DTR, RI, and CD)
. DMA Signaling Capability for Both Received and
Transmitted Data on PN Package
. RS-485 Mode Support
. Infrared Data Association (IrDA) Capability
. Programmable Sleep Mode
. Programmable Serial Interface Characteristics
. 5, 6, 7, or 8-Bit Characters With 1, 1.5, or 2
Stop Bit Generation
. Even, Odd, or No Parity Bit Generation and
Detection
. False Start Bit and Line Break Detection
. Internal Test and Loopback Capabilities

3 Description
The TL16C752C is a dual universal asynchronous
receiver transmitter (UART) with 64-byte FIFOs,
automatic hardware and software flow control, and
data rates up to 3 Mbps. The device offers enhanced
features. It has a transmission Character control
register (TCR) that stores received FIFO threshold
level to start or stop transmission during hardware
and software flow control.




Similar Part No. - TL16C752C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C Datasheet
1Mb / 50P
DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C Datasheet
1Mb / 52P
DUAL UART WITH 64-BYTE FIFO
TL16C752CI-Q1 TI1-TL16C752CI-Q1 Datasheet
1Mb / 57P
Dual UART
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
Dual UART
More results


Similar Description - TL16C752C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
DUAL UART WITH 64-BYTE FIFO
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
QUAD UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
Dual UART With 64-Byte FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
TL16C752D Dual UART With 64-Byte FIFO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com