Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCAN334GD Datasheet (PDF) - Texas Instruments

TCAN334GD Datasheet PDF - Texas Instruments
Part # TCAN334GD
Download  TCAN334GD Download
File Size   1649.97 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCAN33x 3.3V CAN Transceivers with CAN FD (Flexible Data Rate)

TCAN334GD Datasheet (PDF)

Go To PDF Page Download Datasheet
TCAN334GD Datasheet PDF - Texas Instruments

Part # TCAN334GD
Download  TCAN334GD Click to download

File Size   1649.97 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCAN33x 3.3V CAN Transceivers with CAN FD (Flexible Data Rate)

TCAN334GD Datasheet (HTML) - Texas Instruments


TCAN334GD Product details

1 Features
. 3.3V Single supply operation
. Data rates up to 5Mbps (TCAN33xG devices)
. Compatible with ISO 11898-2
. SOIC-8 and SOT-23 package options
. Operating Modes:
. Normal mode (all devices)
. Low power standby mode with wake
(TCAN334)
. Silent mode (TCAN330, TCAN337)
. Shutdown mode (TCAN330, TCAN334)
. Wide common mode range of operation ±12V
. Bus pin fault protection of ±14V
. Total loop delay < 135ns
. Wide ambient operation temperature range: .40°C
to 125°C
. Optimized behavior when unpowered:
. Bus and logic pins are high impedance (no load
to operating bus or application)
. Power up / down glitch free operation
. Excellent EMC performance
. Protection features:
. ESD Protection of bus terminals
. HBM ESD Protection exceeds ±25kV
. IEC61000-4-2 ESD Contact discharge
protection exceeds ±12kV
. Driver dominant time out (TXD DTO)
. Receiver dominant time out (RXD DTO)
. Fault output pin (TCAN337 only)
. Undervoltage protection on VCC
. Thermal shutdown protection
. Current limiting on bus pins

2 Applications
. 5-Mbps operation in CAN with flexible data rate
networks (TCAN33xG devices)
. 1-Mbps operation in highly loaded can networks
. Industrial automation, control, sensors and drive
systems
. Building, security and climate control automation
. Telecom base station status and control
. CAN Bus standards such as CANopen,
DeviceNet, NMEA2000, ARINC825, ISO11783,
CANaerospace

3 Description
The TCAN33x family of devices is compatible
with the ISO 11898 High Speed CAN (Controller
Area Network) Physical Layer standard. TCAN330,
TCAN332, TCAN334 and TCAN337 are specified
for data rates up to 1Mbps. Pending the
release of the updated version of ISO 11898-2
including CAN FD, additional timing parameters
defining loop delay symmetry are specified for
the TCAN330G, TCAN332G, TCAN334G and
TCAN337G devices. The devices include many
protection features including driver and receiver
Dominant Time Out (DTO) providing CAN network
robustness. Integrated 12kV IEC-61000-4-2 ESD
Contact Discharge protection eliminates the need of
additional components for system level robustness.
The use of single 3.3V supply enables the
transceivers to directly interface with 3.3V CAN
controllers/MCUs. In addition, these devices are fully
compatible with other 5V CAN transceivers on the
same bus.
These devices have excellent EMC performance
due to matched Dominant and Recessive Common
Modes. Ultra low power Shutdown and Standby
modes make these devices attractive for battery
powered applications.
This family of devices is available in standard 8-pin
SOIC packages for drop-in compatibility and in small
SOT-23 packages for space-constrained applications.




Similar Part No. - TCAN334GD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN334GD TI1-TCAN334GD Datasheet
1Mb / 39P
CAN Transceivers
TCAN334GD TI1-TCAN334GD Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
TCAN334GDCNR TI1-TCAN334GDCNR Datasheet
1Mb / 39P
CAN Transceivers
TCAN334GDCNR TI1-TCAN334GDCNR Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
TCAN334GDCNT TI1-TCAN334GDCNT Datasheet
1Mb / 39P
CAN Transceivers
More results


Similar Description - TCAN334GD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP25612FD MICROCHIP-MCP25612FD Datasheet
542Kb / 26P
Dual CAN Flexible Data-Rate Transceiver
01/27/15
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Analog Devices
ADM3055E AD-ADM3055E Datasheet
454Kb / 24P
Signal and Power Isolated, CAN Transceivers for CAN FD
11/2018-Rev. 0 to Rev. A
logo
Texas Instruments
TCAN4551-Q1 TI1-TCAN4551-Q1 Datasheet
1Mb / 138P
TCAN4551-Q1 Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Microchip Technology
MCP2561FD MICROCHIP-MCP2561FD Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
logo
Infineon Technologies A...
TLE9461 INFINEON-TLE9461 Datasheet
539Kb / 2P
Lite LDO System Basis Chip supports CAN Flexible Data-Rate(FD) and Partial Networking (PN)
MM-2015
logo
Microchip Technology
DSPIC33CH512MP508 MICROCHIP-DSPIC33CH512MP508 Datasheet
7Mb / 814P
48/64/80-Pin Dual Core, 16-Bit Digital Signal Controllers with High-Resolution PWM and CAN Flexible Data-Rate (CAN FD)
05/14/19
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com