Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F27Q10 Datasheet (PDF) - Microchip Technology

PIC18F27Q10 Datasheet PDF - Microchip Technology
Part # PIC18F27Q10
Download  PIC18F27Q10 Download
File Size   14997.98 Kbytes
Page   829 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40-pin, Low-Power, High-Performance Microcontrollers

PIC18F27Q10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F27Q10 Datasheet PDF - Microchip Technology

Part # PIC18F27Q10
Download  PIC18F27Q10 Click to download

File Size   14997.98 Kbytes
Page   829 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40-pin, Low-Power, High-Performance Microcontrollers

PIC18F27Q10 Datasheet (HTML) - Microchip Technology


PIC18F27Q10 Product details

Description
PIC18F27/47Q10 microcontrollers feature analog, core independent, and communication peripherals for
a wide range of general purpose and low-power applications. These 28/40/44-pin devices are equipped
with a 10-bit ADC with Computation (ADC2) automating Capacitive Voltage Divider (CVD) techniques for
advanced touch sensing, averaging, filtering, oversampling and performing automatic threshold
comparisons. They also offer a set of core independent peripherals such as Complementary Waveform
Generator (CWG), Windowed Watchdog Timer (WWDT), Cyclic Redundancy Check (CRC)/Memory
Scan, Zero-Cross Detect (ZCD), Configurable Logic Cell (CLC), and Peripheral Pin Select (PPS),
providing increased design flexibility and lower system cost.

Core Features
• C Compiler Optimized RISC Architecture
• Operating Speed:
– DC – 64 MHz clock input over the full VDD range
– 62.5 ns minimum instruction cycle
• Programmable 2-Level Interrupt Priority
• 31-Level Deep Hardware Stack
• Three 8-Bit Timers (TMR2/4/6) with Hardware Limit Timer (HLT)
• Four 16-Bit Timers (TMR0/1/3/5)
• Low-Current Power-on Reset (POR)
• Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Low-Power BOR (LPBOR) Option
• Windowed Watchdog Timer (WWDT):
– Watchdog Reset on too long or too short interval between watchdog clear events
– Variable prescaler selection
– Variable window size selection
– All sources configurable in hardware or software




Similar Part No. - PIC18F27Q10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F27Q10 MICROCHIP-PIC18F27Q10 Datasheet
9Mb / 829P
28/40-pin, Low-Power, High-Performance Microcontrollers
2019
PIC18F27Q10 MICROCHIP-PIC18F27Q10 Datasheet
14Mb / 834P
28/40-Pin, Low-Power, High-Performance Microcontrollers
PIC18F27Q10 MICROCHIP-PIC18F27Q10 Datasheet
600Kb / 14P
PIC18F2X/4XQ10 Product Brief
PIC18F27Q10-E/STX MICROCHIP-PIC18F27Q10-E/STX Datasheet
9Mb / 829P
28/40-pin, Low-Power, High-Performance Microcontrollers
2019
PIC18F27Q10-I/STX MICROCHIP-PIC18F27Q10-I/STX Datasheet
9Mb / 829P
28/40-pin, Low-Power, High-Performance Microcontrollers
2019
More results


Similar Description - PIC18F27Q10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F45J10 MICROCHIP-PIC18F45J10_09 Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1824 MICROCHIP-PIC16F1824_11 Datasheet
3Mb / 419P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
9Mb / 536P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2012
PIC18LF2X MICROCHIP-PIC18LF2X_13 Datasheet
9Mb / 560P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2010-2012
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18F2425K40 MICROCHIP-PIC18F2425K40 Datasheet
7Mb / 787P
28-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
2017
PIC18F27Q10 MICROCHIP-PIC18F27Q10 Datasheet
9Mb / 829P
28/40-pin, Low-Power, High-Performance Microcontrollers
2019
PIC18F26 MICROCHIP-PIC18F26 Datasheet
8Mb / 808P
28/40/44/48-Pin, Low-Power High-Performance Microcontrollers with XLP Technology
10/25/17
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com