Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS5T48-12 Datasheet (PDF) - STMicroelectronics

GS5T48-12 Datasheet PDF - STMicroelectronics
Part # GS5T48-12
Download  GS5T48-12 Download
File Size   47.58 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 W DC-DC CONVERTER

GS5T48-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS5T48-12 Datasheet PDF - STMicroelectronics

Part # GS5T48-12
Download  GS5T48-12 Click to download

File Size   47.58 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 W DC-DC CONVERTER

GS5T48-12 Datasheet (HTML) - STMicroelectronics


GS5T48-12 Product details

DESCRIPTION
The GS5T48-12 is a 5W DC-DC converter designed to provide a 12V/420mA isolated power source.
The modulefeatures a wide input voltagerange (38 to 60V), low reflected input current and continuous short-circuit protection. It is certified by UL, CSA (level 3) and TUV as having SELV output when provided with a SELV input.




Similar Part No. - GS5T48-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T48-15 STMICROELECTRONICS-GS5T48-15 Datasheet
49Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
More results


Similar Description - GS5T48-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T48-15 STMICROELECTRONICS-GS5T48-15 Datasheet
49Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
GS5T48-5 STMICROELECTRONICS-GS5T48-5 Datasheet
43Kb / 2P
5 W DC-DC CONVERTER
Jun-1994
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-37 POWERINT-DI-37 Datasheet
227Kb / 2P
16.5 W DC-DC Converter
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
Wall Industries,Inc.
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
8 W DC-DC Converter
logo
HY-LINE Power Component...
P5A123R3S HY-LINE-P5A123R3S Datasheet
1Mb / 4P
5 W DC-DC Converter P5A-Series
Rev: 20171108 f
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com