Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC393ID Datasheet (PDF) - Texas Instruments

TLC393ID Datasheet PDF - Texas Instruments
Part # TLC393ID
Download  TLC393ID Download
File Size   1161.34 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATOR

TLC393ID Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC393ID Datasheet PDF - Texas Instruments

Part # TLC393ID
Download  TLC393ID Click to download

File Size   1161.34 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATOR

TLC393ID Datasheet (HTML) - Texas Instruments


TLC393ID Product details

Very Low Power . . . 110 μW Typ at 5 V
Fast Response Time . . . tPLH = 2.5 μs Typ
With 5-mV Overdrive
Single Supply Operation:
TLC393C . . . 3 V to 16 V
TLC393I . . . 3 V to 16 V
TLC393Q . . . 4 V to 16 V
TLC393M . . . 4 V to 16 V
TLC193M . . . 4 V to 16 V
On-Chip ESD Protection

description
The TLC193 and TLC393 consist of dual
independent micropower voltage comparators
designed to operate from a single supply. They
are functionally similar to the LM393 but uses
one-twentieth the power for similar response
times. The open-drain MOS output stage
interfaces to a variety of loads and supplies. For
a similar device with a push-pull output
configuration (see the TLC3702 data sheet).
Texas Instruments LinCMOS. process offers
superior analog performance to standard CMOS
processes. Along with the standard CMOS
advantages of low power without sacrificing
speed, high input impedance, and low bias
currents, the LinCMOS. process offers extremely
stable input offset voltages, even with
differential input stresses of several volts. This
characteristic makes it possible to build reliable
CMOS comparators.
The TLC393C is characterized for operation over the commercial temperature range of TA = 0°C to 70°C. The
TLC393I is characterized for operation over the extended industrial temperature range of TA = .40°C to 85°C.
The TLC393Q is characterized for operation over the full automotive temperature range of TA = .40°C to 125°C.
The TLC193M and TLC393M are characterized for operation over the full military temperature range of
TA = .55°C to 125°C.




Similar Part No. - TLC393ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC393ID TI-TLC393ID Datasheet
354Kb / 23P
DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
TLC393ID TI1-TLC393ID Datasheet
1Mb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393ID TI-TLC393ID Datasheet
1Mb / 33P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393IDG4 TI1-TLC393IDG4 Datasheet
1Mb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393IDG4 TI-TLC393IDG4 Datasheet
1Mb / 33P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results


Similar Description - TLC393ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702-EP TI1-TLC3702-EP_14 Datasheet
964Kb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC193 TI-TLC193_V01 Datasheet
1Mb / 33P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com