Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC139MJ Datasheet (PDF) - Texas Instruments

TLC139MJ Datasheet PDF - Texas Instruments
Part # TLC139MJ
Download  TLC139MJ Download
File Size   1504.45 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS™ MICROPOWER QUAD COMPARATORS

TLC139MJ Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC139MJ Datasheet PDF - Texas Instruments

Part # TLC139MJ
Download  TLC139MJ Click to download

File Size   1504.45 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOS™ MICROPOWER QUAD COMPARATORS

TLC139MJ Datasheet (HTML) - Texas Instruments


TLC139MJ Product details

Very Low Power . . . 200 μW Typ at 5 V
Fast Response Time . . . 2.5 μs Typ With
5-mV Overdrive
Single Supply Operation:
TLC139M . . . 4 V to 16 V
TLC339M . . . 4 V to 16 V
TLC339C . . . 3 V to 16 V
TLC339I . . . 3 V to 16 V
High Input Impedance . . . 1012 Ω Typ
Input Offset Voltage Change at Worst Case
Input at Condition Typically 0.23 μV/Month
Including the First 30 Days
On-Chip ESD Protection

description
The TLC139/TLC339 consists of four
independent differential-voltage comparators
designed to operate from a single supply. It is
functionally similar to the LM139/LM339 family but
uses 1/20th the power for similar response times.
The open-drain MOS output stage interfaces to a
variety of leads and supplies, as well as wired
logic functions. For a similar device with a
push-pull output configuration, see the TLC3704
data sheet.
The Texas Instruments LinCMOS process offers
superior analog performance to standard CMOS
processes. Along with the standard CMOS
advantages of low power without sacrificing
speed, high input impedance, and low bias
currents, the LinCMOS process offers
extremely stable input offset voltages, even with
differential input stresses of several volts. This
characteristic makes it possible to build reliable
CMOS comparators.




Similar Part No. - TLC139MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC139MJ TI-TLC139MJ Datasheet
258Kb / 17P
LinCMOSE MICROPOWER QUAD COMPARATORS
TLC139MJ TI-TLC139MJ Datasheet
991Kb / 30P
LinCOMS MICROPOWER QUAD COMPARATORS
TLC139MJB TI-TLC139MJB Datasheet
258Kb / 17P
LinCMOSE MICROPOWER QUAD COMPARATORS
TLC139MJB TI-TLC139MJB Datasheet
991Kb / 30P
LinCOMS MICROPOWER QUAD COMPARATORS
More results


Similar Description - TLC139MJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_14 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com