Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59108 Datasheet (PDF) - Texas Instruments

TLC59108 Datasheet PDF - Texas Instruments
Part # TLC59108
Download  TLC59108 Download
File Size   1578.5 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59108 8-Bit Fm I2C-Bus Constant-Current LED Sink Driver

TLC59108 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC59108 Datasheet PDF - Texas Instruments

Part # TLC59108
Download  TLC59108 Click to download

File Size   1578.5 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59108 8-Bit Fm I2C-Bus Constant-Current LED Sink Driver

TLC59108 Datasheet (HTML) - Texas Instruments


TLC59108 Product details

1 Features
. Eight LED Drivers (Each Output Programmable At
Off, On, Programmable LED Brightness,
Programmable Group Dimming/Blinking Mixed
With Individual LED Brightness
. Eight Constant-Current Output Channels
. 256-Step (8-Bit) Linear Programmable Brightness
Per LED Output Varying From Fully Off (Default)
to Maximum Brightness Using a 97-kHz PWM
Signal
. 256-Step Group Brightness Control Allows
General Dimming (Using a 190-Hz PWM Signal
From Fully Off to Maximum Brightness (Default)
. 256-Step Group Blinking With Frequency
Programmable From 24 Hz to 10.73 s and Duty
Cycle From 0% to 99.6%
. Four Hardware Address Pins Allow 14 TLC59108
Devices to be Connected to the Same I2C Bus
. Four Software-Programmable I2C Bus Addresses
(One LED Group Call Address and Three LED
Sub Call Addresses) Allow Groups of Devices to
be Addressed at the Same Time in Any
Combination. For Example, One Register Used for
All Call, so That All the TLC59108 Devices on the
I2C Bus Can be Addressed at the Same Time,
and the Second Register Can be Used for Three
Different Addresses so That One-Third of All
Devices on the Bus Can be Addressed at the
Same Time in a Group.
. Software Enable and Disable for I2C Bus Address
. Software Reset Feature (SWRST Call) Allows
Device to be Reset Through I2C Bus
. Up to 14 Possible Hardware-Adjustable Individual
I2C Bus Addresses Per Device, So That Each
Device Can Be Programmed
. Open-Load/Overtemperature Detection Mode to
Detect Individual LED Errors
. Output State Change Programmable on the
Acknowledge or the Stop Command to Update
Outputs Byte by Byte or All at the Same Time
(Default to Change on Stop)
. Constant Output Current Adjusted Through an
External Resistor (10mA to 120mA)
. Maximum Output Voltage: 17 V
. 25-MHz Internal Oscillator Requires No External
Components
. 1-MHz Fast Mode Plus Compatible I2C Bus
Interface With 30-mA High Drive Capability on
SDA Output for Driving High-Capacitive Buses
. Internal Power-On Reset
. Noise Filter on SCL/SDA Inputs
. No Glitch on Power Up
. Active-Low Reset
. Supports Hot Insertion
. 3.3-V or 5-V Supply Voltage

2 Applications
• Gaming
• Small Signage
• Industrial Equipment

3 Description
The TLC59108 is an I2C bus controlled 8-bit LED
driver that is optimized for red/green/blue/amber
(RGBA) color mixing and backlight applications.




Similar Part No. - TLC59108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59108F TI2-TLC59108F Datasheet
652Kb / 37P
TLC59108F 8-Bit FM I2C Bus LED Driver
DECEMBER 2015
TLC59108FIPWR TI-TLC59108FIPWR Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59108FIPWR TI1-TLC59108FIPWR Datasheet
1Mb / 37P
8-Bit FM I2C Bus LED Driver
More results


Similar Description - TLC59108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116 TI-TLC59116 Datasheet
550Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
8-BIT FM I2C BUS LED DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
8-Bit FM I2C Bus LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com