Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59116 Datasheet (PDF) - Texas Instruments

TLC59116 Datasheet PDF - Texas Instruments
Part # TLC59116
Download  TLC59116 Download
File Size   1400.06 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59116 16-Channel FM I2C-Bus Constant-Current LED Sink Driver

TLC59116 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC59116 Datasheet PDF - Texas Instruments

Part # TLC59116
Download  TLC59116 Click to download

File Size   1400.06 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59116 16-Channel FM I2C-Bus Constant-Current LED Sink Driver

TLC59116 Datasheet (HTML) - Texas Instruments


TLC59116 Product details

1 Features
. 16 LED Drivers (Each Output Programmable at
Off, On, Programmable LED Brightness, or
Programmable Group Dimming and Blinking
Mixed With Individual LED Brightness)
. 16 Constant-Current Output Channels
. 256-Step (8-Bit) Linear Programmable Brightness
Per LED Output Varying From Fully Off (Default)
to Maximum Brightness Using a 97-kHz PWM
Signal
. 256-Step Group Brightness Control Allows
General Dimming [Using a 190-Hz PWM Signal
From Fully Off to Maximum Brightness (Default)]
. 256-Step Group Blinking With Frequency
Programmable From 24 Hz to 10.73 s and Duty
Cycle From 0% to 99.6%
. Four Hardware Address Pins Allow 14 TLC59116
Devices to Be Connected to Same I2C Bus
. Four Software-Programmable I2C Bus Addresses
(One LED Group Call Address and Three LED
Sub Call Addresses) Allow Groups of Devices to
Be Addressed at Same Time in Any Combination
. Software Reset Feature (SWRST Call) Allows
Device to Be Reset Through I2C Bus
. Up to 14 Possible Hardware-Adjustable Individual
I2C Bus Addresses Per Device, So That Each
Device Can Be Programmed
. Open-Load and Overtemperature Detection Mode
to Detect Individual LED Errors
. Output State Change Programmable on
Acknowledge or Stop Command to Update
Outputs Byte-by-Byte or All at Same Time (Default
to Change on Stop)
. Output Current Adjusted Through an External
Resistor
. Constant Output Current Range: 5 mA to 120 mA
. Maximum Output Voltage: 17 V
. 25-MHz Internal Oscillator Requires No External
Components
. 1-MHz Fast-mode Plus (FMT) Compatible I2C Bus
Interface With 30-mA High-Drive Capability on
SDA Output for Driving High-Capacitive Buses
. Internal Power-On Reset
. Noise Filter on SCL and SDA Inputs
. No Glitch on Power-Up
. Active-Low Reset
. Supports Hot Insertion
. Low Standby Current
. 3.3-V or 5-V Supply Voltage
. 5.5-V Tolerant Inputs
. Offered in 28-Pin Thin Shrink Small-Outline
Package (TSSOP) (PW) and 32-Pin Quad
Flatpack No Lead (QFN)
. -40 °C to 85 °C Operation

2 Applications
. Gaming
. Small Signage
. Industrial Equipment

3 Description
The TLC59116 is an I2C bus controlled 16-channel
LED driver that is optimized for red/green/blue/amber
(RGBA) color mixing and backlight application. Each LED output has its own 8-bit resolution (256 steps)
fixed-frequency individual PWM controller that
operates at 97 kHz, with a duty cycle that is
adjustable from 0% to 99.6%.




Similar Part No. - TLC59116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116 TI-TLC59116 Datasheet
550Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116 Datasheet
551Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI2-TLC59116 Datasheet
521Kb / 41P
TLC59116-Q1 16-Channel FM I2C-Bus Constant-Current LED Sink Driver
REVISED MARCH 2016
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
TLC59116-Q1 TI2-TLC59116-Q1 Datasheet
521Kb / 41P
TLC59116-Q1 16-Channel FM I2C-Bus Constant-Current LED Sink Driver
REVISED MARCH 2016
More results


Similar Description - TLC59116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116 TI-TLC59116 Datasheet
550Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9952Q900 PHILIPS-PCA9952Q900 Datasheet
1Mb / 45P
16-channel Fm I2C-bus 57 mA constant current LED driver AEC-Q100 compliant
Rev. 1-26 April 2013
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
16-channel Constant Current LED Sink Driver
logo
NXP Semiconductors
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com