Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59116F Datasheet (PDF) - Texas Instruments

TLC59116F Datasheet PDF - Texas Instruments
Part # TLC59116F
Download  TLC59116F Download
File Size   1340.36 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59116F 16-Channel Fast-Mode Plus I2C Bus LED Driver

TLC59116F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC59116F Datasheet PDF - Texas Instruments

Part # TLC59116F
Download  TLC59116F Click to download

File Size   1340.36 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC59116F 16-Channel Fast-Mode Plus I2C Bus LED Driver

TLC59116F Datasheet (HTML) - Texas Instruments


TLC59116F Product details

1 Features
1. 16 LED Drivers (Each Output Programmable at
OFF, ON, LED Brightness, and Group
Dimming/Blinking Mixed With Individual LED
Brightness)
. 16 Open-Drain Output Channels
. 256-Step (8-Bit) Linear Programmable Brightness
Per LED Output Varying From Fully OFF (Default)
to Maximum Brightness Using a 97-kHz PWM
Signal
. 256-Step Group Brightness Control Allows
General Dimming (Using a 190-Hz PWM Signal
From Fully OFF to Maximum Brightness (Default)
. 256-Step Group Blinking With Frequency Programmable From 24 Hz to 10.73 s and Duty
Cycle from 0% to 99.6%
. Four Hardware Address Pins Allow 14
TLC59116F Devices to be Connected to the
Same I2C Bus
. Four Software-Programmable I2C Bus Addresses
(One LED Group Call Address and Three LED
Sub-Call Addresses) Allow Groups of Devices to
be Addressed Simultaneously in Any Combination
(For example, One Register Used for 'All Call' So
All the TLC59116Fs on the I2C Bus Can be
Addressed at the Same Time and the Second
Register Used for Three Different Addresses So
That 1/3 of all Devices on the Bus Can Be
Addressed at the Same Time in a Group).
Software Enable and Disable for I2C Bus Address.
. Software Reset Feature (SWRST Call) Allows the
Device to be Reset Through the I2C Bus
. Up to 14 Possible Hardware Adjustable Individual
I2C Bus Addresses Per Device so That Each
Device Can be Programmed
. Output State Change Programmable on the
Acknowledge or the STOP Command to Update
Outputs Byte-by-Byte or All at the Same Time
(Default to Change on STOP).
. 120-mA Maximum Output Current
. 17-V Maximum Output Voltage
. 25-MHz Internal Oscillator Requires No External
Components
. 1-MHz Fast-Mode Plus (FM+) Compatible I2C Bus
Interface With 30 mA High Drive Capability on
SDA Output for Driving High Capacity Buses
. Internal Power-On Reset
. Noise Filter on SCL/SDA Inputs
. No Glitch on Power Up 1
• Active-Low Reset
• Supports Hot Insertion
• Low Standby Current
• 3.3-V or 5-V Supply Voltage
• 5.5-V Tolerant Inputs
• 28-Pin TSSOP (PW)
• –40°C to 85°C Operation

2 Applications
. Gaming
. Small Signage
. Industrial Equipment

3 Description
The TLC59116F is an I2C-bus controlled 16-channel
LED driver optimized for red/green/blue/amber
(RGBA) color mixing applications. Each LED output has its own 8-bit resolution (256 steps) fixed
frequency individual PWM controller that operates at
97 kHz with a duty cycle that is adjustable from 0% to
99.6% to allow the LED to be set to a specific
brightness value. An additional 8-bit resolution (256
steps) group PWM controller has both a fixed
frequency of 190 Hz and an adjustable frequency
between 24 Hz to once every 10.73 seconds with a
duty cycle that is adjustable from 0% to 99.6% that is
used to either dim or blink all LEDs with the same value.




Similar Part No. - TLC59116F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116F TI1-TLC59116F Datasheet
764Kb / 31P
16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
TLC59116FIPWR TI1-TLC59116FIPWR Datasheet
764Kb / 31P
16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
TLC59116FIPWR TI1-TLC59116FIPWR Datasheet
1Mb / 38P
16-Channel Fast-Mode Plus I2C Bus LED Driver
TLC59116FIRHBR TI1-TLC59116FIRHBR Datasheet
764Kb / 31P
16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
TLC59116FIRHBR TI1-TLC59116FIRHBR Datasheet
1Mb / 38P
16-Channel Fast-Mode Plus I2C Bus LED Driver
More results


Similar Description - TLC59116F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59116F TI1-TLC59116F Datasheet
764Kb / 31P
16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
NXP Semiconductors
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59116F TI1-TLC59116F_15 Datasheet
1Mb / 38P
16-Channel Fast-Mode Plus I2C Bus LED Driver
logo
Pericom Semiconductor C...
PI6ULS5V9617A PERICOM-PI6ULS5V9617A Datasheet
610Kb / 13P
Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
PI6ULS5V9627A PERICOM-PI6ULS5V9627A Datasheet
465Kb / 10P
4 Channel Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
logo
NXP Semiconductors
PCA9614 NXP-PCA9614 Datasheet
420Kb / 28P
2-channel multipoint Fast-mode Plus differential I2C-bus buffer
Rev. 2-21 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com